Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 61 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 61 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 57Page - STMicroelectronics VX6953CB Datasheet HTML 58Page - STMicroelectronics VX6953CB Datasheet HTML 59Page - STMicroelectronics VX6953CB Datasheet HTML 60Page - STMicroelectronics VX6953CB Datasheet HTML 61Page - STMicroelectronics VX6953CB Datasheet HTML 62Page - STMicroelectronics VX6953CB Datasheet HTML 63Page - STMicroelectronics VX6953CB Datasheet HTML 64Page - STMicroelectronics VX6953CB Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 107 page
background image
8209023 Rev 5
61/107
VX6953CB
Video timing
FIFO
The FIFO is used to implement the data rate reduction required for profile 1 and 2 operation.
The concept of an output frame length and a line length for the output timing domain does
not exist for SMIA devices such as the VX6953CB. This is a result of the FIFO input data
patterns being different depending on scaling factor and if the data is co-sited or Bayer
sampled, which results in variable interframe and interline blanking time between lines and
between frames.
Figure 23. SMIA output timing
When the FIFO reaches a certain level of usage the CCP transmitter starts outputting a line
containing x_output_size pixels. This then naturally tracks any variation in the input data
rate, if the water mark is set correctly underflow is not possible.
Figure 24. FIFO water mark control
If the derating factor >= downscale factor then the average input rate of a burst of a line of
scaler output data into the FIFO is always faster than the output data rate, in this case the
fifo_water_mark_pixels can be set to eight as the FIFO input data rate is always faster than
the FIFO output data rate.
If the derating factor < downscale factor then the average input rate of a burst of a line of
scaler output data into the FIFO is slower than the output data rate, in this case the
fifo_water_mark_pixels must be set to avoid underflow.
Output data:
2608 pixels
x
1960 lines
Output line length
(Does not exist in SMIA)
CCP active video
Line blanking
CS
LE
FIFO Water Mark Level = CCP Output Trigger
FIFO
Usage
LS
LS
LE CS
DATA
DATA
x_output_size + additional_cols
x_output_size + additional_cols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com