Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 69 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 69 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 65Page - STMicroelectronics VX6953CB Datasheet HTML 66Page - STMicroelectronics VX6953CB Datasheet HTML 67Page - STMicroelectronics VX6953CB Datasheet HTML 68Page - STMicroelectronics VX6953CB Datasheet HTML 69Page - STMicroelectronics VX6953CB Datasheet HTML 70Page - STMicroelectronics VX6953CB Datasheet HTML 71Page - STMicroelectronics VX6953CB Datasheet HTML 72Page - STMicroelectronics VX6953CB Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 107 page
background image
8209023 Rev 5
69/107
VX6953CB
EDOF control
8
EDOF control
The VX6953CB module uses a fixed focused lens with optical aberrations that the EDoF
reconstruction engine is designed for so as to recover the resolution and increase the depth
of field in the range of 15 cm to infinity. The focus is tuned for far distances > 2m but for
closer distances where a standard fixed focus camera would show a blur image, the EDoF
correction is capable of recovering significantly the resolution.
Figure 29. What is sharp?
Some optics facts:
•
The depth of focus narrows with reduction in object distance or with aperture increase.
•
If the lens is focussed at the hyper-focal distance, the sharpness will be the same from
hyperfocal/2 to infinity.
•
The Depth of field is defined by the range of scene distances that appears acceptably
sharp in the image.
•
The size of a pixel (1.4um) can be defined as a blurred spot. A blurred spot smaller
than 1.4um is registered as sharp. Above that value the spot will look blurred (refer to
circle of confusion graph).
Considering the above points, EDoF aims to make the blur spot invariant (or change its
reference) over a range of objects distances, thus defeating the obvious geometric optical
effects to enhance the Depth of Field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com