Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 57 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 57 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 53Page - STMicroelectronics VX6953CB Datasheet HTML 54Page - STMicroelectronics VX6953CB Datasheet HTML 55Page - STMicroelectronics VX6953CB Datasheet HTML 56Page - STMicroelectronics VX6953CB Datasheet HTML 57Page - STMicroelectronics VX6953CB Datasheet HTML 58Page - STMicroelectronics VX6953CB Datasheet HTML 59Page - STMicroelectronics VX6953CB Datasheet HTML 60Page - STMicroelectronics VX6953CB Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 107 page
background image
8209023 Rev 5
57/107
VX6953CB
Video timing
Figure 21. VX6953CB clock relationships
1. In order to comply with CSI-2 D-PHY specification, the op_sys_clk_freq_mhz minimum output frequency
should be higher than 80 MHz.
In order to comply with SMIA 1.0 Part 2: CCP2 Specification v1.0, the maximum op_sys_clk_freq_mhz for
CCP2 is 640 MHz.
The equations relating the input clock frequency to pixel clock frequencies are:
6.2.2
Spread spectrum clock generator
The PLL contains a spread spectrum clock generator (SSCG) block for the purposes of EMI
reduction. This feature is off by default and is intended for use if channel blocking becomes
an issue on the baseband platform. A primary source of EMI is the high speed CCP serial
data link. The modulation period and depth are fully programmable. The spread mode is
selectable between center spread (default) or down spread. The SSCG registers can only
be reprogrammed with new values when the sensor is in software standby mode.
Min.
37
Max.
133
pll_multiplier
pre_pll_
clk_div
Range
1, 2, 4
Ext.
input
clock
External input clock
ext_clk_freq_mhz
PLL input clock
pll_ip_clk_freq_mhz
PLL output clock
pll_op_clk_freq_mhz
Video timing pixel clock
vt_pix_clk_freq_mhz
Video timing system clock
vt_sys_clk_freq_mhz
Range
1, 2, 4
vt_sys_clk
_div
vt_pix_clk
_div
Min.
4
Max.
10
Output Timing System clock
op_sys_clk_freq_mhz
Output Timing Pixel clock
op_pix_clk_freq_mhz
op_pixel
_clk_div
op_sys_
clk_div(1)
Min.
1
Max.
66
Range
8, 10
Max
27MHz
6MHz
Min
Min
Min
Min
Min
Min
Min
Max
Max
Max
Max
Max
Max
800MHz
92MHz
44MHz
176MHz
0.433MHz
92MHz
800MHz
4.33MHz
450MHz
800MHz
6MHz
12MHz
vt_pix_clk_freq_mhz
ext_clk_freq_mhz
pll_multiplier
×
pre_pll_clk_div
vt_sys_clk_div
vt_pix_clk_div
×
×
----------------------------------------------------------------------------------------------------------------------------------
=
op_pix_clk_freq_mhz
ext_clk_freq_mhz
pll_multiplier
×
pre_pll_clk_div
op_sys_clk_div
op_pix_clk_div
×
×
---------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com