Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 33 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 29Page - STMicroelectronics VX6953CB Datasheet HTML 30Page - STMicroelectronics VX6953CB Datasheet HTML 31Page - STMicroelectronics VX6953CB Datasheet HTML 32Page - STMicroelectronics VX6953CB Datasheet HTML 33Page - STMicroelectronics VX6953CB Datasheet HTML 34Page - STMicroelectronics VX6953CB Datasheet HTML 35Page - STMicroelectronics VX6953CB Datasheet HTML 36Page - STMicroelectronics VX6953CB Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 107 page
background image
8209023 Rev 5
33/107
VX6953CB
Register map
0x0104
grouped_parameter_hold
8UI
00
RW
The grouped parameter hold register
disables the consumption of
integration, gain and video timing
parameters.
0x00 - consume parameters as normal
0x01 - hold parameters, do not
consume values while set high
Refer to Section 6.5.3: Integration and
gain parameter retiming on page 66
0x0105
mask_corrupted_frames
8UI
00
RW
Setting this register to 1 prevents the
sensor outputing frames that have
been corrupted by video timing
parameter changes.
0x00 - normal
0x01 - mask corrupted frames
0x0110
csi_channel_identifier
8UI
00
RW
The DMA (CCP2) or virtual (CSI2)
channel identifier
Valid range for CCP2: 0 to 7
Valid range for CSI2: 0 to 3
0x0111
csi_signalling_mode
8UI
02
RW
0x00 - CCP2 data/clock signalling:
0x01 - CCP2 data/strobe signalling
0x02 - CSI-2:
This register should not be changed
while the device is streaming data.
0x0112 Hi
csi_data_format
16UI
0A.0A
RW
The MS byte contains the bit width of
the uncompressed pixel data.
The LS byte contains the bit width of
the compressed pixel data.
0A.0A - RAW10 mode
0A.08 - 10-8 compressed mode
08.08 - RAW8 mode
0x0113 Lo
0x0114
csi_lane_mode
8UI
00
RW
Number of data lanes in use.
00 - 1-lane
0x0120
gain_mode
8UI
00
RO
0x00 – Global analog gain.
VX6953CB supports only global gain
modes.
0x0136 Hi
EXTCLK_FREQUENCY_MHZ
16UR
06.00
RW
8.8 fixed point representation of the
external clock frequency in MHz
0x0137 Lo
Table 13. Setup registers [0x0100 to 0x01FF] (continued)
Index Byte
Register name
Data type Default Type
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com