Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 39 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 35Page - STMicroelectronics VX6953CB Datasheet HTML 36Page - STMicroelectronics VX6953CB Datasheet HTML 37Page - STMicroelectronics VX6953CB Datasheet HTML 38Page - STMicroelectronics VX6953CB Datasheet HTML 39Page - STMicroelectronics VX6953CB Datasheet HTML 40Page - STMicroelectronics VX6953CB Datasheet HTML 41Page - STMicroelectronics VX6953CB Datasheet HTML 42Page - STMicroelectronics VX6953CB Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 107 page
background image
8209023 Rev 5
39/107
VX6953CB
Register map
4.14
Shading correction [0x0B00]
4.15
Defect correction [0x0B05 to 0x0B09]
0x1716 Hi
Fine_integration_time_min_bi
n
16UI
02.04
R
Minimum fine integration time allowed
in binning mode (in pixels)
0x1717 Lo
0x1718 Hi
Fine_integration_time_max_m
argin_bin
16UI
08.80
R
Margin used to determine the
maximum fine integration time
allowed in binning mode (in pixels)
0x1719 Lo
Table 21. Binning registers [0x0900 to 0x0902] (continued)
Index
Byte
Register name
Data type Default Type
Comment
Table 22. Shading correction registers [0x0B00]
Index
Byte
Register name
Data type Default Type
Comment
0x0B00
shading_correction_enable
8UI
01
RW
Shading correction
0 - disable
1 - enable
Table 23. Defect correction registers [0x0B05 to 0x0B09]
Index
Byte
Register name
Data type Default Type
Comment
0x0B05
mapped_couplet_correct_ena
ble
8UI
01
RW
Mapped couplet correction
0 - disable
1 - enable
0x0B06
single_defect_correct_enable
8UI
01
RW
Single defect correction
0 - disable
1 - enable
0x0B07
single_defect_correct_weight
8UI
40
RW Single defect correction weight
0x0B08
dynamic_couplet_correct_ena
ble
8UI
00
RW
Dynamic couplet correction
0 - disable
1 - enable
0x0B09
dynamic_couplet_correct_wei
ght
8UI
00
RW Dynamic couplet correction weight



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com