Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 50 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 50 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 46Page - STMicroelectronics VX6953CB Datasheet HTML 47Page - STMicroelectronics VX6953CB Datasheet HTML 48Page - STMicroelectronics VX6953CB Datasheet HTML 49Page - STMicroelectronics VX6953CB Datasheet HTML 50Page - STMicroelectronics VX6953CB Datasheet HTML 51Page - STMicroelectronics VX6953CB Datasheet HTML 52Page - STMicroelectronics VX6953CB Datasheet HTML 53Page - STMicroelectronics VX6953CB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 107 page
background image
Video data interface
VX6953CB
50/107
8209023 Rev 5
Visible pixel data
The visible pixels contain valid image data. The correct integration time and analog gain for
the visible pixels is specified in the embedded data lines at the start of the frame. The
number of visible pixels can be varied.
Black pixel data (zero integration time)
The VX6953CB has zero black pixels.
Dark pixel data (light shielded pixels)
The VX6953CB has zero dark pixels.
Manufacturer specific pixel data
The VX6953CB has zero manufacturer specific pixels.
Interline padding/line blanking
During interline padding all bits in the data stream in a CCP frame are set to 1.
In a CSI-2 frame there is no concept of line blanking being transmitted, the sensor will
simply spend a longer time in the LP state between active line data.
Interframe padding/frame blanking
During interframe padding all bits in the data stream in a CCP frame are set to 1.
In a CSI-2 frame there is no concept of frame blanking being transmitted, the sensor will
simply spend a longer time in the LP state at the end of the active data for a frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com