Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 92 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 92 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 88Page - STMicroelectronics VX6953CB Datasheet HTML 89Page - STMicroelectronics VX6953CB Datasheet HTML 90Page - STMicroelectronics VX6953CB Datasheet HTML 91Page - STMicroelectronics VX6953CB Datasheet HTML 92Page - STMicroelectronics VX6953CB Datasheet HTML 93Page - STMicroelectronics VX6953CB Datasheet HTML 94Page - STMicroelectronics VX6953CB Datasheet HTML 95Page - STMicroelectronics VX6953CB Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 107 page
background image
Electrical characteristics
VX6953CB
92/107
8209023 Rev 5
12.3
Power supply - VDIG, VANA
12.3.1
Power supply (peak current) - VDIG, VANA
The peak current (in-rush) consumption of the sensor module is defined as any current
pulse >=10
μs. The duty cycle of the peak to the low part of the current profile is 33% with a
worst-case period of 500
μs.
Table 45. Power supplies VDIG, VANA
Parameter
Digital
Analog
Unit
Typ.
Max.
Typ.
Max.
Hardware standby
10
90
10
135
µA
Software standby:
Ext. clock not switching
Ext. clock = 9.6 MHz(1)
1. The digital current scales linearly with the external clock frequency used.
4
6
20
25
0.7
0.7
2.0
2.0
mA
mA
Streaming CCP2:
Preview(2)
Capture still(3)
2. Binning 2x2 mode, profile 0, 28fps, 10-8 data, EDoF estimation mode, CCP-2.
3. Full resolution image, profile 2, 15fps, 10-8 data, EDoF application mode, CCP-2
65
90
80
110
55
55
65
65
mA
mA
Streaming CSI2:
Preview(4)
Capture still(5)
4. Binning 2x2 mode, profile 0, 28fps, 10-8 data, EDoF estimation mode, CSI-2.
5. Full resolution image, profile 2, 15fps, 10-8 data, EDoF application mode, CSI-2
53
80
80
110
61
62
80
80
mA
mA
Table 46. In-rush current VDIG, VANA for CCP2 interface
Parameter
Digital
Analog
Unit
Typ.
Max.
Typ.
Max.
Boot clock peak current(1)
1. This corresponds to the transient current when XSHUTDOWN is powered up and the sensor is
being set SW_Standby mode. Max value is given for Max VDD and 70c temperature. Typical
value is for 25C and VDD is set to nominal value.
65
100
170
220
mA
Start Streaming current(2)
2. When the sensor is changed from Software standby to Streaming mode. Max value is given for
Max VDD and 70c temperature. Typical value is for 25C and VDD is set to nominal value.
60
90
170
220
mA
Stop Streaming current(3)
3. When the sensor is changed from streaming to Software standby. Max value is given for Max
VDD and 70c temperature. Typical value is for 25C and VDD is set to nominal value.
160
190
170
220
mA
In streaming mode while changing
sensor settings
160
190
90
90
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com