Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 96 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 96 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 92Page - STMicroelectronics VX6953CB Datasheet HTML 93Page - STMicroelectronics VX6953CB Datasheet HTML 94Page - STMicroelectronics VX6953CB Datasheet HTML 95Page - STMicroelectronics VX6953CB Datasheet HTML 96Page - STMicroelectronics VX6953CB Datasheet HTML 97Page - STMicroelectronics VX6953CB Datasheet HTML 98Page - STMicroelectronics VX6953CB Datasheet HTML 99Page - STMicroelectronics VX6953CB Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 107 page
background image
Electrical characteristics
VX6953CB
96/107
8209023 Rev 5
Figure 47. CCI AC characteristics
All timings are measured from either 0.3 VDIG or 0.7 VDIG.
For further information on the CCI interface, refer to the SMIA 1.0 part 2: CCP Specification
document.
12.7
CCP interface
12.7.1
CCP interface - DC specification
Note:
For further information on the subLVDS please refer to the SMIA 1.0 Part 2: CCP2
Specification document.
SDA
SCL
tHD.STA
tR
tHIGH
tF
tSU.DAT
tHD.DAT
tSU.STA
tSU.STO
...
...
tHD.STA
tLOW
tBUF
stop
start
stop
start
0.7 VDIG
0.3 VDIG
0.3 VDIG
0.7 VDIG
Table 53. CCP interface - DC specification
Symbol
Parameter
Min.
Typ.
Max.
Unit
VOD
Differential voltage swing(1)
1. Measured over a 100
Ω load.
100
150
200
mV
VCM
Common mode voltage (self biasing)
0.8
0.9
1.0
V
RO
Output impedance
40
140
Ω
IDR
Drive current range
(internally set by bias circuit)
0.5
1.5
2
mA
PSRR(2)
2. Nominal value for the interference at VCM voltage through digital supply relative to the
interference at digital supply over the 0-1 GHz operating range.
PSRR = 20*log10 (VDIG interference (peak-to-peak) / VCM interference (peak-to-peak))
0 to 100 MHz
-
-
30
dB
100 to 1000 MHz
-
-
10
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com