Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 85 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 85 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 81Page - STMicroelectronics VX6953CB Datasheet HTML 82Page - STMicroelectronics VX6953CB Datasheet HTML 83Page - STMicroelectronics VX6953CB Datasheet HTML 84Page - STMicroelectronics VX6953CB Datasheet HTML 85Page - STMicroelectronics VX6953CB Datasheet HTML 86Page - STMicroelectronics VX6953CB Datasheet HTML 87Page - STMicroelectronics VX6953CB Datasheet HTML 88Page - STMicroelectronics VX6953CB Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 107 page
background image
8209023 Rev 5
85/107
VX6953CB
Image optimization
9.4
Green imbalance correction
Since ES2.0 modules, the sensor has an adaptive (four color temperature) green imbalance
correction function which can be used to reduce the green imbalance in the sensor.
Correction is carried out on the green-blue color plane only. The gain is calculated based on
a term polynomial in x and y.
In order to optimize the green imbalance correction algorithm, the coefficients for each
device are calculated under D65 lighting conditions and programmed in the NVM memory at
production test.
Settings for three other color temperatures (cool white, TL83, and horizon) are calculated
from characterization data and these are stored in the NVM memory.
The calculation of the color temperature is performed by the sensor using the color
feedback registers. Therefore it is necessary for the host to supply the sensor with the white
balance gains.
The green imbalance correction function can be used with the profile1 and profile 2 scaler
and with crop and subsampling.
The green imbalance correction is controlled by register 0xFAA3 (0x3410 is the status
register):
0 - Disable
1 - Enable
Figure 45. Green imbalance correction plots
Original plot
Corrected plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com