Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 71 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 71 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 67Page - STMicroelectronics VX6953CB Datasheet HTML 68Page - STMicroelectronics VX6953CB Datasheet HTML 69Page - STMicroelectronics VX6953CB Datasheet HTML 70Page - STMicroelectronics VX6953CB Datasheet HTML 71Page - STMicroelectronics VX6953CB Datasheet HTML 72Page - STMicroelectronics VX6953CB Datasheet HTML 73Page - STMicroelectronics VX6953CB Datasheet HTML 74Page - STMicroelectronics VX6953CB Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 107 page
background image
8209023 Rev 5
71/107
VX6953CB
EDOF control
Like an auto-focus module:
•
The algorithm has failure cases, but the correction is constrained in order to always
have acceptable image quality even if not optimal.
•
For a single image several modes are often possible and giving same level of image
quality.
For overlap distances (between macro and portrait modes, or between portrait and
landscape modes), two of the channels may have the same level of sharpness, so any
of the two corresponding distances could be returned, depending on scene content and
field curvature of the module.
For scenes with objects at different distances, any of the three distances could be returned
depending on content of the scene, field curvature of the module and spatial weights used
for estimation (edof_estimation_control).
Supermacro mode is used for bar code and business card reading. Supermacro mode uses
a monochrome image. Below 30cm distance, the MTF is lost and there is too little Green
and Red pixel information to build a colored image. However, the blue pixel has enough
MTF to reconstruct a monochrome image.
8.2
Control Interface
VX6953 has a 100 kHz/400 kHz I2C compatible 2-wire control interface. It uses the SMIA
16-bit index, 8-bit data message format. The CCI interfaces allows the programming of the
EDoF control register.
8.3
EDOF control registers [0x0B80 to 0x0B8A]
Table 41. EDOF registers [0x0B80 to 0x0B8A]
Index
Byte
Register name
Data type Default Type
Comment
0x0B80
edof_mode
8UI
00
RW
EDOF control
0 - EDOF disabled (power saving)
1 - EDOF application (Capture)
2 - EDOF estimation (Preview)
0x0B82
edof_est_focus_distance
8UI
32
RO The estimated focus point (cm)
0x0B83
edof_sharpness
8UI
00
RW
EDOF sharpness control
0x7F: Manual mode
0x80 to 0xFF: Automatic mode
0x0B84
edof_denoising
8UI
00
RW EDOF denoising control
0x0B85
edof_module_specific
8UI
00
RW EDOF noise vs details control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com