Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 45 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 45 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 41Page - STMicroelectronics VX6953CB Datasheet HTML 42Page - STMicroelectronics VX6953CB Datasheet HTML 43Page - STMicroelectronics VX6953CB Datasheet HTML 44Page - STMicroelectronics VX6953CB Datasheet HTML 45Page - STMicroelectronics VX6953CB Datasheet HTML 46Page - STMicroelectronics VX6953CB Datasheet HTML 47Page - STMicroelectronics VX6953CB Datasheet HTML 48Page - STMicroelectronics VX6953CB Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 107 page
background image
8209023 Rev 5
45/107
VX6953CB
Register map
0x1174 Hi
max_op_pix_clk_freq_mhz
32SF
42.B8
00.00
RO
Maximum output pixel clock frequency
Units: MHz
Value: 92.0
0x1175
0x1176
0x1177 Lo
0x1180 Hi
x_addr_min
16UI
00.00
RO
Minimum X-address of the
addressable pixel array
Value: Always 0
0x1181 Lo
0x1182 Hi
y_addr_min
16UI
00.00
RO
Minimum Y-address of the
addressable pixel array
Value: Always 0
0x1183 Lo
0x1184 Hi
x_addr_max
16UI
0A.2F
RO
Maximum X-address of the
addressable pixel array
Value = 2607
0x1185 Lo
0x1186 Hi
y_addr_max
16UI
07.A7
RO
Maximum Y-address of the
addressable pixel array
Value = 1959
0x1187 Lo
0x1188 Hi
min_x_output_size
16UI
01.00
RO
Minimum x output size in pixels.
Value: 256
0x1189 Lo
0x118A Hi
min_y_output_size
16UI
00.04
RO
Minimum y output size in pixels.
Value: 4
0x118B Lo
0x118C Hi
max_x_output_size
16UI
0A.30
RO
Maximum x output size in pixels.
Value: 2608
0x118D Lo
0x118E Hi
max_y_output_size
16UI
07.A8
RO
Maximum y output size in pixels:
Value: 1960
0x118F Lo
0x11C0 Hi
min_even_inc
16UI
00.01
RO Minimum increment for even pixels
0x11C1 Lo
0x11C2 Hi
max_even_inc
16UI
00.07
RO
Maximum increment for even pixels.
even_inc must equal 1 for
focus_estimation to operate
effectively.
0x11C3 Lo
0x11C4 Hi
min_odd_inc
16UI
00.01
RO Minimum increment for odd pixels
0x11C5 Lo
0x11C6 Hi
max_odd_inc
16UI
00.07
RO Maximum increment for odd pixels
0x11C7 Lo
Table 27. Video timing parameter limit registers [0x1100 to 0x11FF] (continued)
Index Byte
Register name
Data type Default Type
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com