Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VX6953CB Datasheet(PDF) 106 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 106 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 99Page - STMicroelectronics VX6953CB Datasheet HTML 100Page - STMicroelectronics VX6953CB Datasheet HTML 101Page - STMicroelectronics VX6953CB Datasheet HTML 102Page - STMicroelectronics VX6953CB Datasheet HTML 103Page - STMicroelectronics VX6953CB Datasheet HTML 104Page - STMicroelectronics VX6953CB Datasheet HTML 105Page - STMicroelectronics VX6953CB Datasheet HTML 106Page - STMicroelectronics VX6953CB Datasheet HTML 107Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 106 / 107 page
background image
Revision history
VX6953CB
106/107
8209023 Rev 5
18
Revision history
Table 65. Document revision history
Date
Revision
Changes
30-Jun-2010
A
Initial release.
17-Jan-2011
B
Reordered existing chapters and added Chapter 14: Mechanical on
page 101 and Chapter 15: Ordering information on page 103.
In Chapter 3: Functional description, updated Section 3.4.1: Power-
up procedure on page 20 and added Section 3.4.2: Power-down
procedure on page 23.
In Chapter 4: Register map, added registers revision_number_minor,
sensor_model_id and sensor_revision_number to Table 9: Status
registers [0x0000 to 0x000F] on page 29.
In Chapter 8: EDOF control, added Section 8.5: Video modes and
EDoF on page 75.
In Chapter 12: Electrical characteristics, updated Section 12.3:
Power supply - VDIG, VANA on page 92 and added Duty cycles to
Table 49: System clock - EXTCLK on page 94.
In Chapter 13: Optical specification, updated Section 13.2: Text, 1D
and 2D codes reading on page 100.
Added that EXTCLK signal has a SCHMITT-TRIGGER input
10-Feb-2011
C
Redrew Figure 24: FIFO water mark control on page 61 as original
diagram was corrupted when PDF was generated. No technical
information has changed.
17-May-2011
D
In Section 3.4.2: Power-down procedure on page 23, added
information on ULPS and added figure for Power down from
Streaming.
Added Jitter details to Section 12.4: System clock - EXTCLK on
page 94.
In Section 12.3.1: Power supply (peak current) - VDIG, VANA on
page 92, added details for peak current.
Removed all 1.2V references due to an issue affecting I2C and VDIG
switch pins.
Removed MAN_SPEC register section.
Other minor corrections and amendments throughout.
05-Mar-2013
5
Minor updates throughout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com