Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 20Page - National Semiconductor (TI) PC97307 Datasheet HTML 21Page - National Semiconductor (TI) PC97307 Datasheet HTML 22Page - National Semiconductor (TI) PC97307 Datasheet HTML 23Page - National Semiconductor (TI) PC97307 Datasheet HTML 24Page - National Semiconductor (TI) PC97307 Datasheet HTML 25Page - National Semiconductor (TI) PC97307 Datasheet HTML 26Page - National Semiconductor (TI) PC97307 Datasheet HTML 27Page - National Semiconductor (TI) PC97307 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 218 page
background image
24
Configuration
www.national.com
2.0
Configuration
The part is partially configured by hardware, during reset.
The configuration can also be changed by software, by
changing the values of the configuration registers.
The configuration registers are accessed using an Index
register and a Data register. During reset, hardware strap-
ping options define the addresses of the configuration reg-
isters. See Section 2.1.2.
After the Index and Data register pair have determined the
addresses of the configuration registers, the addresses of
the Index and Data registers can be changed within the ISA
I/O address space, and a 16-bit programmable register con-
trols references to their addresses and to the addresses of
the other registers.
This chapter describes the hardware and software configu-
ration processes. For each, it describes configuration of the
Index and Data register pair first. See Sections 2.1 and 2.2.
Section 2.3 starting on page 26 presents an overview of the
configuration registers of the part and describes each in de-
tail.
2.1
HARDWARE CONFIGURATION
The part supports two Plug and Play (PnP) configuration
modes that determine the status of register addresses upon
wake up from a hardware reset, Full PnP ISA mode and
PnP Motherboard mode.
2.1.1
Wake Up Options
During reset, strapping options on the BADDR0 and
BADDR1 pins determine one of the following modes.
• Full Plug and Play ISA mode – System wakes up in
Wait for Key state.
Index and Data register addresses are as defined by Mi-
crosoft and Intel in the
“Plug and Play ISA Specification,
Version 1.0a, May 5, 1994.”
• Plug and Play Motherboard mode – system wakes up
in Config state.
The BIOS configures the part. Index and Data register
addresses are different from the addresses of the PnP
Index and Data registers. Configuration registers can be
accessed as if the serial isolation procedure had already
been done, and the part is selected.
The BIOS may switch the addresses of the Index and
Data registers to the PnP ISA addresses of the Index
and Data registers, by using software to modify the base
address bits of the SuperI/O Configuration 2 register (at
Index 22h). See Section 2.4.4
2.1.2
The Index and Data Register Pair
During reset, a hardware strapping option on the BADDR0
and BADDR1 pins defines an address for the Index and
Data Register pair. This prevents contention between the
registers for I/O address space.
Table 2-1 shows the base addresses for the Index and Data
registers that hardware sets for each combination of values
of the Base Address strap pins (BADDR0 and BADDR1).
You can access and change the content of the configuration
registers at any time, as long as the base addresses of the
Index and Data registers are defined.
When BADDR1 is low (0), the PnP protocol defines the ad-
dresses of the Index and Data register, and the system
wakes up from reset in the Wait for Key state.
When BADDR1 is high (1), the addresses of the Index and
Data register are according to Table 2-1, and the system
wakes up from reset in the Config state.
This configures the part with default values, automatically,
without software intervention. After reset, use software as
described in Section 2.2 to modify the selected base ad-
dress of the Index and Data register pair, and the defaults
for configuration registers.
The Plug and Play soft reset has no effect on the logical de-
vices, except for the effect of the Activate registers (index
30h) in each logical device.
The part can wake up with the FDC, the KBC and the RTC
either active (enabled) or inactive (disabled). The clock mul-
tiplier, if configured via CFG3,2 strap pins, wakes up en-
abled. The other logical devices wake up inactive
(disabled).
TABLE 2-1. Base Addresses
BADDR1
BADDR0
Address
Configuration Type
Index Register
Data Register
0x
0279h
Write Only
Write: 0A79h
Read: RD_DATA Port
Full PnP ISA Mode
Wake up in Wait for Key state
1
0
015Ch Read/Write
015Dh Read/Write
PnP Motherboard Mode
Wake up in Config state
1
1
002Eh Read/Write
002Fh Read/Write
PnP Motherboard Mode
Wake up in Config state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com