Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 15Page - National Semiconductor (TI) PC97307 Datasheet HTML 16Page - National Semiconductor (TI) PC97307 Datasheet HTML 17Page - National Semiconductor (TI) PC97307 Datasheet HTML 18Page - National Semiconductor (TI) PC97307 Datasheet HTML 19Page - National Semiconductor (TI) PC97307 Datasheet HTML 20Page - National Semiconductor (TI) PC97307 Datasheet HTML 21Page - National Semiconductor (TI) PC97307 Datasheet HTML 22Page - National Semiconductor (TI) PC97307 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 218 page
background image
19
Signal/Pin Connection and Description
www.national.com
IRTX
81
UART2
(SIR)
Output
Group 19
Infrared Transmit – Infrared serial output data.
KBCLK
102
KBC
I/O
Group 11
Keyboard Clock – This I/O pin transfers the keyboard clock between
the SuperI/O chip and the external keyboard using the PS/2 protocol.
This pin is connected internally to the internal TO signal of the KBC.
KBDAT
103
KBC
I/O
Group 11
Keyboard Data – This I/O pin transfers the keyboard data between
the SuperI/O chip and the external keyboard using the PS/2 protocol.
This pin is connected internally to KBC’s P10.
MCLK
104
KBC
I/O
Group 11
Mouse Clock – This I/O pin transfers the mouse clock between the
SuperI/O chip and the external keyboard using the PS/2 protocol.
This pin is connected internally to KBC’s T1.
MDAT
105
KBC
I/O
Group 11
Mouse Data – This I/O pin transfers the mouse data between the
SuperI/O chip and the external keyboard using the PS/2 protocol.
This pin is connected internally to KBC’s P11.
MR
51
ISA-Bus
Input
Group 1
Master Reset – An active high MR input signal resets the controller
to the idle state, and resets all disk interface output signals to their
inactive states. MR also clears the DOR, DSR and CCR registers,
and resets the MODE command, CONFIGURE command, and LOCK
command parameters to their default values. MR does not affect the
SPECIFY command parameters. MR sets the configuration registers
to their selected default values.
MSEN1,0
83, 82
FDC
Input
Group 4
Media Sense – These input pins are used for media sensing when
bit 6 of the SuperI/O FDC Configuration register (at index F0h) is 1.
See Section 2.6.1 on page 36. Each pin has a 40 K
Ω internal pull-up
resistor.
MTR1,0
86, 85
FDC
Output
Group 16
Motor Select 1,0 – These motor enable lines for drives 0 and 1 are
controlled by bits D7-4 of the Digital Output Register (DOR). They are
output signals that are active when they are low. They are encoded with
information to control four FDDs when bit 7 of the SuperI/O FDC
Configuration register is set, as described in Section 2.6.1 on page 36.
See DR1,0.
ONCTL
67
APC
Output
Group 23
On/Off Control for the RTC’s Advanced Power Control (APC) –
This signal indicates to the main power supply that power should be
turned on. ONCTL is an open-drain output signal that is powered by
VCCH.
P17,16
P12
108, 107
106
KBC
I/O
Group 12
I/O Port – KBC quasi-bidirectional port for general purpose input and
output.
P21,20
110, 109
KBC
I/O
Group 12
I/O Port – KBC open-drain signals for general purpose input and
output. These signals are controlled by KBC firmware.
PD7-0
129-122
Parallel Port
I/O
Group 14
Parallel Port Data – These bidirectional signals transfer data to and
from the peripheral data bus and the appropriate parallel port data
register. These signals have a high current drive capability. See
“GENERAL DC ELECTRICAL CHARACTERISTICS” on page 182.
PE
115
Parallel Port
Input
Group 2
Paper End – This input signal is set high by the printer when it is out
of paper. This pin has an internal nominal 25 K
Ω pull-up or pull-down
resistor that is selected by bit 2 of the PP Confg0 register (second
level offset 05h) of the parallel port.
Signal/Pin
Name
Pin
Number
Module
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com