Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 78 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 78 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 74Page - National Semiconductor (TI) PC97307 Datasheet HTML 75Page - National Semiconductor (TI) PC97307 Datasheet HTML 76Page - National Semiconductor (TI) PC97307 Datasheet HTML 77Page - National Semiconductor (TI) PC97307 Datasheet HTML 78Page - National Semiconductor (TI) PC97307 Datasheet HTML 79Page - National Semiconductor (TI) PC97307 Datasheet HTML 80Page - National Semiconductor (TI) PC97307 Datasheet HTML 81Page - National Semiconductor (TI) PC97307 Datasheet HTML 82Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 218 page
background image
78
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
5.3.9
Configuration Control Register (CCR),
Offset 07h, Write Operations
This write-only register can be used to set the data transfer
rate (in place of the DSR) for PC-AT, PS/2 and MicroChan-
nel applications. Other applications can set the data trans-
fer rate in the DSR. See Section 5.3.6.
This register is not affected by a software reset.
The data rate of the floppy controller is determined by the
last write to either the CCR register or to the DSR register.
FIGURE 5-15. CCR Register Bitmap
Bits 1,0 - Data Transfer Rate Select 1,0 (DRATE 1,0)
These bits determine the data transfer rate for the Flop-
py Disk Controller (FDC), depending on the supported
speeds.
Table 5-6 shows the data transfer rate selected by each
value of this field.
These bits are unaffected by a software reset, and are
set to 10 (250 Kbps) after a hardware reset.
Bits 7-2 - Reserved
These bits are reserved and should be set to 0.
5.4
THE PHASES OF FDC COMMANDS
FDC commands may be in the command phase, the execu-
tion phase or the result phase. The active phase determines
how data is transferred between the Floppy Disk Controller
(FDC) and the host microprocessor. When no command is
in progress, the FDC may be either idle or polling a drive.
5.4.1
Command Phase
During the command phase, the microprocessor writes a
series of bytes to the Data Register (FIFO). The first com-
mand byte contains the opcode for the command, which the
controller can interpret to determine how many more com-
mand bytes to expect. The remaining command bytes con-
tain the parameters required for the command.
The number of command bytes varies for each command.
All command bytes must be written in the order specified in
the Command Description Table in Section 5.7 on page 86.
The execution phase starts immediately after the last byte
in the command phase is written.
Prior to performing the command phase, the Digital Output
Register (DOR) should be set and the data rate should be
set with the Data rate Select Register (DSR) or the Config-
uration Control Register (CCR).
76543210
Reset
Required
0
1
0
0
0
0
0
0
Configuration Control
Register (CCR)
Offset 07h
Reserved
DRATE1
DRATE0
Write Operations
The Main Status Register (MSR) controls the flow of com-
mand bytes, and must be polled by the software before writ-
ing each command phase byte to the Data Register (FIFO).
Prior to writing a command byte, bit 7 of MSR (RQM, Re-
quest for Master) must be set and bit 6 of MSR (DIO, Data
I/O direction) must be cleared.
After the first command byte is written to the Data Register
(FIFO), bit 4 of MSR (CMD PROG, Command in Progress)
is also set and remains set until the last result phase byte is
read. If there is no result phase, the CMD PROG bit is
cleared after the last command byte is written.
A new command may be initiated after reading all the result
bytes from the previous command. If the next command re-
quires selection of a different drive or a change in the data
rate, the DOR and DSR or CCR should be updated, accord-
ingly. If the command is the last command, the software
should deselect the drive.
Normally, command processing by the controller core and
updating of the DOR, DSR, and CCR registers by the micro-
processor are operations that can occur independently of
one another. Software must ensure that the these registers
are not updated while the controller is processing a com-
mand.
5.4.2
Execution Phase
During the execution phase, the Floppy Disk Controller
(FDC) performs the desired command.
Commands that involve data transfers (e.g., read, write and
format operations) require the microprocessor to write or
read data to or from the Data Register (FIFO) at this time.
Some commands, such as SEEK or RECALIBRATE, con-
trol the read/write head movement on the disk drive during
the execution phase via the disk interface signals. Execu-
tion of other commands does not involve any action by the
microprocessor or disk drive, and consists of an internal op-
eration by the controller.
Data can be transferred between the microprocessor and
the controller during execution in DMA mode, interrupt
transfer mode or software polling mode. The last two modes
are non-DMA modes. All data transfer modes work with the
FIFO enabled or disabled.
DMA mode is used if the system has a DMA controller. This
allows the microprocessor to do other tasks while data
transfer takes place during the execution phase.
If a non-DMA mode is used, an interrupt is issued for each
byte transferred during the execution phase. Also, instead
of using the interrupt during a non-DMA mode transfer, the
Main Status Register (MSR) can be polled by software to in-
dicate when a byte transfer is required.
DMA Mode - FIFO Disabled
DMA mode is selected by writing a 0 to the DMA bit in the
SPECIFY command and by setting bit 3 of the DOR (DMA
enabled) to 1.
In the execution phase when the FIFO is disabled, each
time a byte is ready to be transferred, a DMA request (DRQ)
is generated in the execution phase. The DMA controller
should respond to the DRQ with a DMA acknowledge
(DACK) and a read or write pulse. The DRQ is cleared by
the leading edge of the active low DACK input signal. After
the last byte is transferred, an interrupt is generated, indi-
cating the beginning of the result phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com