Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 81Page - National Semiconductor (TI) PC97307 Datasheet HTML 82Page - National Semiconductor (TI) PC97307 Datasheet HTML 83Page - National Semiconductor (TI) PC97307 Datasheet HTML 84Page - National Semiconductor (TI) PC97307 Datasheet HTML 85Page - National Semiconductor (TI) PC97307 Datasheet HTML 86Page - National Semiconductor (TI) PC97307 Datasheet HTML 87Page - National Semiconductor (TI) PC97307 Datasheet HTML 88Page - National Semiconductor (TI) PC97307 Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 218 page
background image
85
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
76543210
Reset
Required
0
1
0
0
0
0
0
0
Configuration Control
Register (CCR)
Offset 07h
Reserved
DRATE1
DRATE0
Write Operations
76543210
Reset
Required
1
1
1
1
1
Digital Input
Register (DIR)
Offset 07h
DRATE1 Status
DSKCHG
DRATE0 Status
Reserved
High Density
Read Operations, PS/2 Drive Mode
76543210
Reset
Required
1
1
1
1
1
Digital Input
Register (DIR)
Offset 07h
DSKCHG
Reserved, In TRI-STATE
Read Operations, PC-AT Drive Mode
5.6.2
FDC Result Phase Status Register Bitmaps
76543210
Reset
Required
0
0
0
0
0
0
0
0
Result Phase Status
Register 0 (ST0)
Head Selected (Execution Phase)
SEEK End
Interrupt Code
Not Used
Equipment Check
Logical Drive Selected
(Execution Phase)
76543210
Reset
Required
0
0
0
0
0
0
0
0
Result Phase Status
Register 1 (ST1)
Missing Data
CRC Error
End of Track
Not Used
Overrun or Underrun
Missing Address Mark
Not Used
Drive Write Protected
76543210
Reset
Required
0
0
0
0
0
0
0
0
Result Phase Status
Register 2 (ST2)
Scan Not Satisfied
CRC Error in Data Field
Not Used
Scan Equal Hit
Wrong Track
Missing Address
Control Mark
Bad Track
Mark Location
76543210
Reset
Required
0
0
0
0
0
0
0
0
Result Phase Status
Register 3 (ST3)
Not Used
Not Used
Not Used
Track 0
Drive Write Protected
Head Selected (Command Phase)
Logical Drive Selected
(Command Phase)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com