Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 36Page - National Semiconductor (TI) PC97307 Datasheet HTML 37Page - National Semiconductor (TI) PC97307 Datasheet HTML 38Page - National Semiconductor (TI) PC97307 Datasheet HTML 39Page - National Semiconductor (TI) PC97307 Datasheet HTML 40Page - National Semiconductor (TI) PC97307 Datasheet HTML 41Page - National Semiconductor (TI) PC97307 Datasheet HTML 42Page - National Semiconductor (TI) PC97307 Datasheet HTML 43Page - National Semiconductor (TI) PC97307 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 218 page
background image
40
Configuration
www.national.com
2.10.5
CS1 Base Address MSB Register, Second
Level Index 04h
This read/write register is reset by hardware to 00h. Same
as Plug and Play ISA base address register at index 60h.
See Table 2-7 on page 28.
2.10.6
CS1 Base Address LSB Register, Second Level
Index 05h
This read/write register is reset by hardware to 00h. Same
as Plug and Play ISA base address register at index 61h.
See Table 2-7 on page 28.
2.10.7
CS1 Configuration Register, Second Level
Index 06h
This read/write register is reset by hardware to 00h. It func-
tions like the CS0 Configuration Register described in Sec-
tion 2.10.3.
FIGURE 2-15. CS1 Configuration Register Bitmap
2.10.8
Reserved, Second Level Index 07h
Attempts to access this register produce undefined results.
2.10.9
CS2 Base Address MSB Register, Second
Level Index 08h
This read/write register is reset by hardware to 00h. It func-
tions like the Plug and Play ISA base address register at in-
dex 60h. See Table 2-7 on page 28.
2.10.10 CS2 Base Address LSB Register, Second Level
Index 09h
This read/write register is reset by hardware to 00h. It func-
tions like the Plug and Play ISA base address register at in-
dex 61h. See Table 2-7 on page 28.
Mask Address Pins A11-A0
76543210
Reset
Required
0
0
0
0
0
0
0
0
Second Level
Register,
Mask Address Pin A3
CS1 Configuration
Mask Address Pin A1
Mask Address Pin A2
Assert Chip Select Signal on Read
Mask Address Pin A0
Unaffected by RD/WR
Assert Chip Select Signal on Write
Index 06h
2.10.11 CS2 Configuration Register, Second Level
Index 0Ah
This read/write register is reset by hardware to 00h. It func-
tions like the CS0 Configuration register.
FIGURE 2-16. CS2 Configuration Register Bitmap
2.10.12 Reserved, Second Level Indexes 0Bh-0Fh
Attempts to access these registers produce undefined re-
sults.
2.10.13 Not Accessible, Second Level Indexes 10h-FFh
Not accessible because bits 7-4 of the Index register are 0.
Mask Address Pins A11-A0
76543210
Reset
Required
0
0
0
0
0
0
0
0
Second Level
Register,
Mask Address Pin A3
CS2 Configuration
Mask Address Pin A1
Mask Address Pin A2
Assert Chip Select Signal on Read
Mask Address Pin A0
Unaffected by RD/WR
Assert Chip Select Signal on Write
Index 0Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com