Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 44Page - National Semiconductor (TI) PC97307 Datasheet HTML 45Page - National Semiconductor (TI) PC97307 Datasheet HTML 46Page - National Semiconductor (TI) PC97307 Datasheet HTML 47Page - National Semiconductor (TI) PC97307 Datasheet HTML 48Page - National Semiconductor (TI) PC97307 Datasheet HTML 49Page - National Semiconductor (TI) PC97307 Datasheet HTML 50Page - National Semiconductor (TI) PC97307 Datasheet HTML 51Page - National Semiconductor (TI) PC97307 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 218 page
background image
48
Keyboard (and Mouse) Controller (KBC) (Logical Devices 0 and 1)
www.national.com
3.5.3
The KBC STATUS Register, Offset 64h,
Read Only
The STATUS register holds information regarding the sys-
tem interface status. Figure 3-9 shows the bit definition of
this register. This register is controlled by the KBC firmware
and hardware, and is read-only for the system.
FIGURE 3-9. KBC STATUS Register Bitmap
Bit 0 - OBF, Output Buffer Full
A 1 indicates that data has been written into the DB-
BOUT register by the KBC. It is cleared by a system
read operation from DBBOUT.
Bit 1 - IBF, Input Buffer Full
When a write operation is performed by the host system,
this bit is set to 1, which may be set up to trigger the IBF
interrupt. Upon executing an IN A, DBB instruction, it is
cleared.
Bit 2 - F0, General Purpose Flag
A general purpose flag that can be cleared or toggled by
the keyboard controller firmware.
Bit 3 - F1, Command/Data Flag
This flag holds the state of address line A2 while a write
operation is performed by the host system. It distin-
guishes between commands and data from the host
system. In this device, a write with A2 = 1 (hence F1 =
1) is defined as a command, and A2 = 0 (hence F1 = 0)
is data.
Bits 7-4, General Purpose Flags
These flags may be modified by KBC firmware.
3.6
INSTRUCTION TIMING
The KBC clock is first divided by 3 to generate the state tim-
ing, then by 5 to generate the instruction timing. Thus each
instruction cycle consists of five states and 15 clock cycles.
Most keyboard controller instructions require only one in-
struction cycle, while some require two cycles. Refer to the
8042 or PC87323VUL instruction set for details.
76543210
Reset
OBF Output Buffer Full
IBF Input Buffer Full
F0 General Purpose Flag
F1 Command or Data Flag
General Purpose
Flags
KBC Status Register
Offset 64h
0
0
0
0
0
0
0
0
Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com