Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 12Page - National Semiconductor (TI) PC97307 Datasheet HTML 13Page - National Semiconductor (TI) PC97307 Datasheet HTML 14Page - National Semiconductor (TI) PC97307 Datasheet HTML 15Page - National Semiconductor (TI) PC97307 Datasheet HTML 16Page - National Semiconductor (TI) PC97307 Datasheet HTML 17Page - National Semiconductor (TI) PC97307 Datasheet HTML 18Page - National Semiconductor (TI) PC97307 Datasheet HTML 19Page - National Semiconductor (TI) PC97307 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 218 page
background image
16
Signal/Pin Connection and Description
www.national.com
CFG3-0
148, 146,
144, 138
Configuration
Input
Group 5
Configuration Strap Pins 3-0 – These pins determine the default
configuration upon power up. These pins are pulled down by internal
30 K
Ω resistors. External 10 KΩ pull-up resistors to V
DD should be
employed.
CFG3 is multiplexed with SOUT2. CFG2 is multiplexed with RTS2.
CFG1 is multiplexed with DTR2 and BOUT2. CFG0 is multiplexed
with SOUT1. See Table 2-2 on page 25 and Section 2.1 on page 24
for more information.
CS0
68
General
Purpose
Output
Group 21
Programmable Chip Select – CS0, CS1 and CS2 are
programmable chip select and/or latch enable and/or output enable
signals that have many uses, for example, as game ports or for I/O
port expansion.
The decoded address and the assertion conditions are configured via
the chip configuration registers. See Section 2.3 on page 26.
CS0 is an open-drain pin that is in TRI-STATE unless VDD is applied.
CS2 is multiplexed with XD1, CS1 is multiplexed with XD0, and CS0
is multiplexed with CSOUT-NSC-Test.
CS2,1
72, 71
General
Purpose
I/O
Group 9
CSOUT-
NSC-Test
68
NSC use
Output
Group 21
Chip Select Read Output, NSC-Test – National Semiconductor test
output. This is an open-drain output signal.
This signal is multiplexed with CS0.
CTS2,1
141, 131
UART1,
UART2
Input
Group 1
UART1 and UART2 Clear to Send – When low, these signals indicate
that the modem or other data transfer device is ready to exchange data.
The CTS signal is a modem status input signal whose condition the
CPU can test by reading bit 4 (CTS) of the Modem Status Register
(MSR) for the appropriate serial channel. Bit 4 is the complement of the
CTS signal. Bit 0 (DCTS) of MSR indicates whether the CTS input signal
has changed state since the previous reading of MSR. CTS has no
effect on the transmitter.
Whenever the DCTS bit of the MSR is set, an interrupt is generated
if modem status interrupts are enabled.
D7-0
10-3
ISA-Bus
I/O
Group 8
ISA-Bus Data – Bidirectional data lines to the microprocessor. D0 is
the LSB and D7 is the MSB. These signals have 24 mA (sink)
buffered outputs.
DACK3-0
59-56
ISA-Bus
Input
Group 1
DMA Acknowledge 0,1,2 and 3 – These active low input signals
acknowledge a request for DMA services and enable the IOWR and
IORD input signals during a DMA transfer. These DMA signals can
be mapped to the following logical devices: FDC, UART1, UART2 or
parallel port.
DCD2,1
142, 132
UART1,
UART2
Input
Group 1
UART1 and UART2 Data Carrier Detected – When low, this signal
indicates that the modem or other data transfer device has detected
the data carrier.
The DCD signal is a modem status input signal whose condition the
CPU can test by reading bit 7 (DCD) of the Modem Status Register
(MSR) for the appropriate serial channel. Bit 7 is the complement of
the DCD signal.
Bit 3 (DDCD) of the MSR indicates whether the DCD input signal has
changed state since the previous reading of MSR. Whenever the
DDCD bit of the MSR is set, an interrupt is generated if modem
status interrupts are enabled.
DENSEL
94
FDC
Output
Group 16
Density Select (FDC) – Indicates that a high FDC density data rate
(500 Kbps or 1 Mbps) or a low density data rate (250 or 300 Kbps)
is selected.
DENSELs polarity is controlled by bit 5 of the SuperI/O FDC
Configuration register as described in Section 2.6.1 on page 36.
Signal/Pin
Name
Pin
Number
Module
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com