Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 74 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 74 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 70Page - National Semiconductor (TI) PC97307 Datasheet HTML 71Page - National Semiconductor (TI) PC97307 Datasheet HTML 72Page - National Semiconductor (TI) PC97307 Datasheet HTML 73Page - National Semiconductor (TI) PC97307 Datasheet HTML 74Page - National Semiconductor (TI) PC97307 Datasheet HTML 75Page - National Semiconductor (TI) PC97307 Datasheet HTML 76Page - National Semiconductor (TI) PC97307 Datasheet HTML 77Page - National Semiconductor (TI) PC97307 Datasheet HTML 78Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 218 page
background image
74
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
Bits 1,0 - Tape Drive Select 1,0
These bits assign a logical drive number to a tape drive.
Drive 0 is not available as a tape drive and is reserved
as the floppy disk boot drive.
00 - No drive selected.
01 - Drive 1 selected.
10 - Drive 2 selected.
11 - Drive 3 selected.
Bits 3,2 - Logical Drive Control (Enhanced TDR
Mode Only)
These read/write bits control logical drive exchange be-
tween drives 0 and 2, only.
They enable software to exchange the physical floppy
disk drive and motor control signals assigned to pins.
Drive 3 is never exchanged for drive 2.
When four drives are configured, i.e., bit 7 of SuperI/O
FDC Configuration register at index F0h is 1, logical
drives are not exchanged.
00 - No logical drive exchange.
01 - Disk drive and motor control signal assignment to
pins exchanged between logical drives 0 and 1.
10 - Disk drive and motor control signal assignment to
pins exchanged between logical drives 0 and 2.
11 - Reserved. Unpredictable results when configured.
Bits 5,4 - Drive ID1,0 Information
If the value of bits 1,0 of the Digital Output Register
(DOR) are 00, these bits reflect the ID of drive 0, i.e., the
value of bits 1,0, respectively, of the Drive ID register at
index F1h. See “Bits 1,0 - Drive 0 ID” on page 37.
If the value of bits 1,0 of the Digital Output Register
(DOR) are 01, these bits reflect the ID of drive 1, i.e., the
value of bits 3,2, respectively, of the Drive ID register at
index F1h. See “Bits 3,2 - Drive 1 ID” on page 37.
Bit 6 - High Density (Enhanced TDR Mode Only)
Together with bit 7, this bit indicates the type of media
currently in the active floppy disk drive. The value of this
bit reflects the state of the MSEN0 signal.
Table 5-5 shows how these bits encode media type.
TABLE 5-5. Media Type (Density) Encoding
Bit 7 - Extra Density (Enhanced TDR Mode Only)
Together with bit 6, this bit indicates the type of media
currently in the active floppy disk drive. The value of this
bit reflects the state of the MSEN1 signal.
Table 5-5 shows how these bits encode media type.
Bit 7 (MSEN1)
Bit 6 (MSEN0)
Media Type
0
0
5.25"
0
1
2.88 M
1
0
1.44 M
1
1
720 K
5.3.5
Main Status Register (MSR), Offset 04h,
Read Operations
This read-only register indicates the current status of the
Floppy Disk Controller (FDC), indicates when the disk con-
troller is ready to send or receive data through the Data
Register (FIFO) and controls the flow of data to and from the
Data Register (FIFO).
The MSR can be read at any time. It should be read before
each byte is transferred to or from the Data Register (FIFO)
except during a DMA transfer. No delay is required when
reading this register after a data transfer.
The microprocessor can read the MSR immediately after a
hardware or software reset, or recovery from a power down.
The MSR contains a value of 00h, until the FDC clock has
stabilized and the internal registers have been initialized.
When the FDC is ready to receive a new command, it re-
ports a value of 80h for the MSR to the microprocessor.
System software can poll the MSR until the MSR is ready.
The MSR must report an 80h value (RQM set to 1) within
2.5 msec after reset or power up.
FIGURE 5-10. MSR Register Bitmap
Bit 0 - Drive 0 Busy
This bit indicates whether or not drive 0 is busy.
It is set to 1 after the last byte of the command phase of
a SEEK or RECALIBRATE command is issued for drive
0.
This bit is cleared to 0 after the first byte in the result
phase of the SENSE INTERRUPT command is read for
drive 0.
0 - Not busy.
1 - Busy.
Bit 1 - Drive 1 Busy
This bit indicates whether or not drive 1 is busy.
It is set to 1 after the last byte of the command phase of
a SEEK or RECALIBRATE command is issued for drive
1.
This bit is cleared to 0 after the first byte in the result
phase of the SENSE INTERRUPT command is read for
drive 1.
0 - Not busy.
1 - Busy.
76543210
Reset
Required
0
0
0
0
0
0
0
0
Main Status
Register (MSR)
Offset 04h
Drive 2 Busy
Non-DMA Execution
Data I/O Direction
RQM
Drive 1 Busy
Drive 3 Busy
Command in Progress
Drive 0 Busy
Read Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com