Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 84 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 84 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 80Page - National Semiconductor (TI) PC97307 Datasheet HTML 81Page - National Semiconductor (TI) PC97307 Datasheet HTML 82Page - National Semiconductor (TI) PC97307 Datasheet HTML 83Page - National Semiconductor (TI) PC97307 Datasheet HTML 84Page - National Semiconductor (TI) PC97307 Datasheet HTML 85Page - National Semiconductor (TI) PC97307 Datasheet HTML 86Page - National Semiconductor (TI) PC97307 Datasheet HTML 87Page - National Semiconductor (TI) PC97307 Datasheet HTML 88Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 218 page
background image
84
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
5.6
FDC REGISTER BITMAPS
5.6.1
FDC Standard Register Bitmaps
76543210
Reset
Required
0
0
0
0
Status Register
A (SRA)
Offset 00h
INDEX
TRK0
Step
Reserved
Head Direction
WP
Head Select
IRQ Pending
76543210
Reset
Required
0
0
0
0
0
0
1
1
1
1
Status Register
B (SRB)
Offset 01h
WGATE
WDATA
DR0
Reserved
Reserved
MTR0
MTR1
RDATA
76543210
Reset
Required
0
0
0
0
0
0
0
0
Digital Output
Register (DOR)
Offset 02h
Reset Controller
Motor Enable 0
Motor Enable 1
Motor Enable 2
Motor Enable 3
Drive Select
DMAEN
76543210
Reset
Required
0
0
1
Tape Drive
Register (TDR)
Offset 03h
Tape Drive Select 1,0
PC-AT Compatible Drive Mode
TRI-STATE During Read Operations
Not Used
PS/2 Drive Mode
PS/2 Drive Mode
76543210
Reset
Required
0
0
0
0
0
0
0
0
Main Status
Register (MSR)
Offset 04h
Drive 2 Busy
Non-DMA Execution
Data I/O Direction
RQM
Drive 1 Busy
Drive 3 Busy
Command in Progress
Drive 0 Busy
76543210
Reset
Required
0
1
0
0
0
0
0
0
Data Rate Select
Register (DSR)
Offset 04h
Precompensation Delay Select
Undefined
Low Power
Software Reset
DRATE1
DRATE0
76543210
Reset
Required
Data Register
(FIFO)
Offset 05h
Data
Read Operations
Write Operations
76543210
Reset
Required
0
0
1
Tape Drive
Register (TDR)
Offset 03h
High Density
Extra Density
Tape Drive Select 1,0
Logical Drive Exchange
PS/2 Drive Mode
Drive ID1 Information
Drive ID0 Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com