Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC97307 Datasheet HTML 1Page - National Semiconductor (TI) PC97307 Datasheet HTML 2Page - National Semiconductor (TI) PC97307 Datasheet HTML 3Page - National Semiconductor (TI) PC97307 Datasheet HTML 4Page - National Semiconductor (TI) PC97307 Datasheet HTML 5Page - National Semiconductor (TI) PC97307 Datasheet HTML 6Page - National Semiconductor (TI) PC97307 Datasheet HTML 7Page - National Semiconductor (TI) PC97307 Datasheet HTML 8Page - National Semiconductor (TI) PC97307 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 218 page
background image
www.national.com
General Description
The PC87307/PC97307 (VUL) are functionally identical
parts that offer a single-chip solution to the most commonly
used ISA, EISA and MicroChannel® peripherals. This fully
Plug and Play (PnP) compatible chip incorporates a Floppy
Disk Controller (FDC), a Keyboard and mouse Controller
(KBC), a Real-Time Clock (RTC), two fast full function
UARTs, Infrared (IR) support, a full IEEE 1284 parallel port,
three general purpose chip select signals that can be pro-
grammed for game port control, and a separate configura-
tion register set for each module. It also provides support for
power management (including a WATCHDOG timer) and
standard PC-AT address decoding for on-chip functions.
The Plug and Play (PnP) support in the device conforms to
the “
Plug and Play ISA Specification” Version 1.0a, May 5,
1994.
The Infrared (IR) interface complies with the IrDA 1.0 SIR
and SHARP-IR standards, and supports all four basic pro-
tocols for Consumer-IR (TV-Remote) circuitry (RC-5, RC-5
extended, RECS80 and NEC).
Features
s 100% compatible with Plug and Play requirements
specified in the “
Plug and Play ISA Specification”, ISA,
EISA, and MicroChannel architectures
s Meets PC97 requirements
PRELIMINARY
March 1998
PC87307/PC97307 Plug and Play Compatible and PC97
Compliant SuperI/O
Highlights
Block Diagram
Real-Time Clock
(Logical Device 2)
Floppy Disk
Controller (FDC)
with Digital Data
Separator (DDS)
(PC8477)
High Current Driver
Keyboard
Controller (KBC)
Power Management
Logic
µP Address
Floppy
Drive
Interface
Data
Handshake
Data
Serial
Two UARTs + IR
(16550 or 16450)
X-Bus
IEEE1284
Control
Parallel Port
Interface
Infrared
Interface
Ports
(PnP)
IRQ
Control
DMA
Channels
(Logical Devices 5 & 6)
Interrupt
(RTC and APC)
Plug and Play
(Logical Device 8)
(Logical Device 0)
Data and
Control
(Logical Device 3)
Data and
Mouse
Controller
(Logical Device 1)
General Purpose
I/O Registers
(Logical Device 7)
I/O Ports
Data and
Control
(Logical Device 4)
Control
Control
© 1998 National Semiconductor Corporation
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
IBM®, MicroChannel®, PC-AT® and PS/2® are registered trademarks of International Business Machines Corporation.
Microsoft® and Windows® are registered trademarks of Microsoft Corporation.


Similar Part No. - PC97307

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC97317 NSC-PC97317 Datasheet
2Mb / 272P
PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
PC97317VUL NSC-PC97317VUL Datasheet
2Mb / 272P
PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
PC97338 NSC-PC97338 Datasheet
1Mb / 221P
ACPI 1.0 and PC98/99 Compliant SuperI/O
PC97338VJG NSC-PC97338VJG Datasheet
1Mb / 221P
ACPI 1.0 and PC98/99 Compliant SuperI/O
PC97338VLJ NSC-PC97338VLJ Datasheet
1Mb / 221P
ACPI 1.0 and PC98/99 Compliant SuperI/O
More results

Similar Description - PC97307

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87309 NSC-PC87309 Datasheet
1Mb / 192P
PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PC87317VUL NSC-PC87317VUL Datasheet
2Mb / 272P
PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
PC87338 NSC-PC87338 Datasheet
1Mb / 221P
ACPI 1.0 and PC98/99 Compliant SuperI/O
PC87351 NSC-PC87351 Datasheet
358Kb / 86P
PC87351 PC98 and ACPI Compliant SuperI/O with System Wake-Up Control
logo
SMSC Corporation
FDC37C93XAPM SMSC-FDC37C93XAPM Datasheet
1Mb / 280P
Plug and Play Compatible Ultra I/O??Controller with Soft Power Management
FDC37CXFR SMSC-FDC37CXFR Datasheet
922Kb / 258P
Plug and Play Compatible Ultra I/O Controller with Fast IR
logo
Winbond
W83977F WINBOND-W83977F Datasheet
2Mb / 181P
PLUG & PLAY 1.0A COMPLIANT
logo
National Semiconductor ...
PC87308VUL NSC-PC87308VUL Datasheet
121Kb / 6P
SuperI/O Enhanced Sidewinder Plug and Play Compatible Chip
logo
SMSC Corporation
FDC37C93X SMSC-FDC37C93X Datasheet
650Kb / 203P
Plug and Play Compatible Ultra I/O Controller
logo
Texas Instruments
TL16PNP100A TI1-TL16PNP100A_05 Datasheet
310Kb / 21P
STANDALONE PLUG-AND-PLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com