Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 27Page - National Semiconductor (TI) PC97307 Datasheet HTML 28Page - National Semiconductor (TI) PC97307 Datasheet HTML 29Page - National Semiconductor (TI) PC97307 Datasheet HTML 30Page - National Semiconductor (TI) PC97307 Datasheet HTML 31Page - National Semiconductor (TI) PC97307 Datasheet HTML 32Page - National Semiconductor (TI) PC97307 Datasheet HTML 33Page - National Semiconductor (TI) PC97307 Datasheet HTML 34Page - National Semiconductor (TI) PC97307 Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 218 page
background image
31
Configuration
www.national.com
TABLE 2-13. KBC Configuration Registers for Mouse - Logical Device 1
TABLE 2-14. RTC and APC Configuration Registers - Logical Device 2
Index
R/W
Hard Reset
Soft Reset
Configuration Register or Action
30h
R/W
00h
00h
Activate.
When mouse of the KBC mouse is inactive, the IRQ selected by the Mouse
Interrupt Select register (index 70h) is not asserted.
This register has no effect on host KBC commands handling the PS/2
mouse.
70h
R/W
0Ch
0Ch
Mouse Interrupt (KBC IRQ12 pin) Select.
71h
R/W
02h
02h
Mouse Interrupt Type.
Bits 1,0 are read/write; other bits are read only.
74h
R
04h
04h
Report no DMA assignment.
75h
R
04h
04h
Report no DMA assignment.
Index
R/W
Hard Reset
Soft Reset
Configuration Register or Action
30h
R/W
00h or 01h
See CFG0 in
Section 2.1.3.
00h or 01h
See CFG0 in
Section 2.1.3.
Activate.
The APC of the RTC is not affected by bit 0.
See also FER1 of logical device 8.
31h
R/W
00h
00h
I/O Range Check.
60h
R/W
00h
00h
Base Address MSB Register.
61h
R/W
70h
70h
Base Address LSB Register.
Bit 0 (for A0) is read only, 0.
70h
R/W
08h
08h
Interrupt Select.
71h
R/W
00h
00h
Interrupt Type.
Bit 1 is read/write, other bits are read only.
74h
R
04h
04h
Report no DMA assignment.
75h
R
04h
04h
Report no DMA assignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com