Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 91Page - National Semiconductor (TI) PC97307 Datasheet HTML 92Page - National Semiconductor (TI) PC97307 Datasheet HTML 93Page - National Semiconductor (TI) PC97307 Datasheet HTML 94Page - National Semiconductor (TI) PC97307 Datasheet HTML 95Page - National Semiconductor (TI) PC97307 Datasheet HTML 96Page - National Semiconductor (TI) PC97307 Datasheet HTML 97Page - National Semiconductor (TI) PC97307 Datasheet HTML 98Page - National Semiconductor (TI) PC97307 Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 218 page
background image
95
www.national.com
If the system includes perpendicular drives, this command
should be issued during initialization of the FDC. Then,
when a drive is accessed for a FORMAT TRACK or WRITE
DATA command, the FDC adjusts the command parame-
ters based on the data rate. See Table 5-15.
Precompensation is set to zero for perpendicular drives at
any data rate.
Perpendicular recording type disk drives have a pre-erase
head that leads the read or write head by 200
µm, which
translates to 38 bytes at a 1 Mbps data transfer rate (19
bytes at 500 Kbps).
The increased space between the two heads requires a
larger gap 2 between the address field and data field of a
sector at 1 or 2 Mbps. See Perpendicular Format in Figure
5-20. A gap 2 length of 41 bytes (at 1 or 2 Mbps) ensures
that the preamble in the data field is completely pre-erased
by the pre-erase head.
Also, during WRITE DATA operations to a perpendicular
drive, a portion of gap 2 must be rewritten by the controller
to guarantee that the data field preamble has been pre-
erased. See Table 5-15.
Command Phase
Second Command Phase Byte
A hardware reset clears all the bits to zero (conventional
mode for all drives). PERPENDICULAR MODE command
bits may be written at any time.
The settings of bits 1 and 0 in this byte override the logical
drive configuration set by bits 5 through 2. If bits 1 and 0 are
both 0, bits 5 through 2 configure the logical disk drives as
conventional or perpendicular. Otherwise, bits 2 and 0 con-
figure them. See Table 5-16.
76543210
00010010
OW
0
DC3
DC2
DC1
DC0
GDC
Bits 1,0 - Group Drive Mode Configuration (GDC)
These bits configure all the logical disk drives as con-
ventional or perpendicular. If the Overwrite bit (OW, bit
7) is 0, this setting may be overridden by bits 5-2.
It is not necessary to issue the FORMAT TRACK com-
mand if all drives are conventional.
These bits are cleared to 0 by a software reset.
00 - Conventional. (Default)
01 - Perpendicular. (500 Kbps)
10 - Conventional.
11 - Perpendicular. (1 or 2 Mbps)
Bits 5-2 -Drive 3-0 Mode Configuration (DC3-0)
If bits 1,0 are both 0, and bit 7 is 1, these bits configure
logical drives 3-0 as conventional or perpendicular. Bits
5-2 (DC3–0) correspond to logical drives 3-0, respec-
tively.
These bits are not affected by a software reset.
0 - Conventional drive. (Default)
It is not necessary to issue the FORMAT TRACK
command for conventional drives.
1 - Perpendicular drive.
Bit 7 - Overwrite (OW)
This bit enables or disables changes in the mode of the
logical drives by bits 5-2.
0 - Changes in mode of logical drives via bits 5-2 are
ignored. (Default)
1 - Changes enabled.
Execution Phase
Internal registers are written.
Result Phase
None.
TABLE 5-15. Effect of Drive Mode and Data Rate on FORMAT TRACK and WRITE DATA Commands
TABLE 5-16. Effect of GDC Bits on FORMAT TRACK and WRITE DATA Commands
Data Rates
Drive Mode
Length of Gap 2 in FORMAT
TRACK Command
Portion of Gap 2 Rewritten in
WRITE DATA Command
250, 300 or 500 Kbps
Conventional
Perpendicular
22 bytes
22 bytes
0 bytes
19 bytes
1 or 2 Mbps
Conventional
Perpendicular
22 bytes
41 bytes
0 bytes
38 bytes
GDC Bits
Drive Mode
Length of Gap 2 in
FORMAT TRACK Command
Portion of Gap 2 Rewritten in
WRITE DATA Command
1
0
0
0
Conventional
22 bytes
0 bytes
0
1
Perpendicular (
≤500 Kbps)
22 bytes
19 bytes
1
0
Conventional
22 bytes
0 bytes
1
1
Perpendicular (1 or 2 Mbps)
41 bytes
38 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com