Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 63Page - National Semiconductor (TI) PC97307 Datasheet HTML 64Page - National Semiconductor (TI) PC97307 Datasheet HTML 65Page - National Semiconductor (TI) PC97307 Datasheet HTML 66Page - National Semiconductor (TI) PC97307 Datasheet HTML 67Page - National Semiconductor (TI) PC97307 Datasheet HTML 68Page - National Semiconductor (TI) PC97307 Datasheet HTML 69Page - National Semiconductor (TI) PC97307 Datasheet HTML 70Page - National Semiconductor (TI) PC97307 Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 218 page
background image
67
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
PC-AT Drive Mode
The PC-AT register set is enabled. The DMA enable bit in
the Digital Output Register (DOR) becomes valid (the ap-
propriate IRQ and DRQ signals can be put in TRI-STATE).
TC and DENSEL become active high signals (default to a
5.25" floppy disk drive).
PS/2 Drive Mode
This drive mode supports the PS/2 models 50/60/80 config-
uration and register set. The value of the DMA enable bit in
the Digital Output Register (DOR) becomes unimportant
(the IRQ and DRQ signals assigned to the FDC are always
valid). TC and DENSEL become active low signals (default
to 3.5" floppy drive).
5.2
DATA TRANSFER
5.2.1
Data Rates
The FDC supports the standard PC data rates of 250, 300
and 500 Kbps, as well as 1 Mbps. High performance tape
and floppy disk drives that are currently emerging in the PC
world, transfer data at 1 Mbps. The FDC also supports the
perpendicular recording mode, a new format used for some
high capacity disk drives at 1 Mbps.
The internal digital data separator needs no external com-
ponents. It improves the window margin performance stan-
dards of the DP8473, and is compatible with the strict data
separator requirements of floppy disk drives and tape
drives.
The FDC contains write precompensation circuitry that de-
faults to 125 nsec for 250, 300, and 500 Kbps (41.67 nsec
at 1 Mbps). These values can be overridden in software to
disable write precompensation or to provide levels of pre-
compensation up to 250 nsec.
The FDC has internal 24 mA data bus buffers which allow
direct connection to the system bus. The internal 40 mA to-
tem-pole disk interface buffers are compatible with both
CMOS drive input signals and 150 resistor terminated disk
drive input signals.
5.2.2
The Data Separator
The internal data separator is a fully digital PLL. The fully
digital PLL synchronizes the raw data signal read from the
disk drive. The synchronized signal is used to separate the
encoded clock and data pulses. The data pulses are broken
down into bytes, and then sent to the microprocessor by the
controller.
The FDC supports data transfer rates of 250, 300, 500 Kbps
and 1 Mbps in Modified Frequency Modulation (MFM) for-
mat.
The FDC has a dynamic window margin and lock range per-
formance capable of handling a wide range of floppy disk
drives. In addition, the data separator operates under a va-
riety of conditions, including high fluctuations in the motor
speed of tape drives that are compatible with floppy disk
drives.
The dynamic window margin is the primary indicator of the
quality and performance level of the data separator. It indi-
cates the toleration of the data separator for Motor Speed
Variation (MSV) of the drive spindle motor and bit jitter (or
window margin).
Figure 5-2 shows the dynamic window margin in the perfor-
mance of the FDC at different data rates, generated using a
FlexStar FS-540 floppy disk simulator and a proprietary dy-
namic window margin test program written by National
Semiconductor.
FIGURE 5-2. PC87307/PC97307 Dynamic Window Mar-
gin Performance
The x axis measures MSV. MSV is translated directly to the
actual rate at which the data separator reads data from the
disk. In other words, a faster than nominal motor results in
a higher data rate.
The dynamic window margin performance curve also indi-
cates how much bit jitter (or window margin) can be tolerat-
ed by the data separator. This parameter is shown on the y-
axis of the graph. Bit jitter is caused by the magnetic inter-
action of adjacent data pulses on the disk, which effectively
shifts the bits away from their nominal positions in the mid-
dle of the bit window. Window margin is commonly mea-
sured as a percentage. This percentage indicates how far a
data bit can be shifted early or late with respect to its nomi-
nal bit position, and still be read correctly by the data sepa-
rator. If the data separator cannot correctly decode a shifted
bit, then the data is misread and a CRC error results.
The dynamic window margin performance curve supplies
two pieces of information:
• The maximum range of MSV (also called “lock range”)
that the data separator can handle with no read errors.
• The maximum percentage of window margin (or bit jit-
ter) that the data separator can handle with no read er-
rors.
Thus, the area under the dynamic window margin curves in
Figure 5-2 is the range of MSV and bit jitter that the FDC can
handle with no read errors. The internal digital data separa-
tor of the FDC performs much better than comparable digi-
tal data separator designs, and does not require any
external components.
-14 -12 -10 -8 -6 -4 -2 0
2
4
4
8 10 12 14
10
20
30
40
60
70
80
50
Motor Speed Variation (% of Nominal)
250,300, 500 Kbps and 1 Mbps
Typical Performance at 500 Kbps,
VDD = 5.0 V, 25° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com