Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 42Page - National Semiconductor (TI) PC97307 Datasheet HTML 43Page - National Semiconductor (TI) PC97307 Datasheet HTML 44Page - National Semiconductor (TI) PC97307 Datasheet HTML 45Page - National Semiconductor (TI) PC97307 Datasheet HTML 46Page - National Semiconductor (TI) PC97307 Datasheet HTML 47Page - National Semiconductor (TI) PC97307 Datasheet HTML 48Page - National Semiconductor (TI) PC97307 Datasheet HTML 49Page - National Semiconductor (TI) PC97307 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 218 page
background image
46
Keyboard (and Mouse) Controller (KBC) (Logical Devices 0 and 1)
www.national.com
External
TEST1
3-State
5-Cycle
32-Bit
Timer
Prescaler
8-Bit Timer
or Counter
Overflow
Flag
Stop
Counter
Counter
Timer
Counter
Interrupt
(MCLK)
Frequency
X1
X1C
X2C
External
32768 Hz
Crystal
External Event Input
24 or 48 MHz
Clock
÷
KBC Clock
Clock
Select
48 MHz
2 or 3
÷ 2
Select
Frequency
Multiplier
(1465)
Source
FIGURE 3-6. Timing Generation and Timer Circuit
3.3.4
Timer or Event Counter
The keyboard controller includes an 8-bit counter, which
can be used as a timer or an event counter, as selected by
the firmware.
Timer Operation
When the internal clock is chosen as the counter input, the
counter functions as a timer. The clock fed to the timer con-
sists of the KBC instruction cycle clock, divided by 32. (See
Figures 3-4 and 3-6.) The divisor is reset only by a hardware
reset or when the timer is started by an STRT T instruction.
The timer counts up from a programmable initial value and
sets an overflow flag when it overflows. This flag may be
tested, or may be set up to generate an overflow interrupt.
Refer to the 8042 or PC87323VUL instruction set for details.
Event Counter Operation
When the clock input of the counter is switched to the exter-
nal input (MCLK), it becomes an event counter. The falling
edge of the signal on the MCLK pin causes the counter to
increment. Timer Overflow Flag and Timer interrupt operate
as in the timer mode.
3.4
EXTERNAL I/O INTERFACES
The PC chipset interfaces with the part as illustrated in Fig-
ure 3-2 on page 44.
All data transactions between the KBC and the PC chipset
are handled by the part.
The part decodes all I/O device chip-select functions from
the address bus. The KBC chip-select codes are, tradition-
ally, 60h or 64h, as described in Table 3-1. (These address-
es are user-programmable.)
The external interface includes two sets of signals: the key-
board and mouse interface signals, and the general-pur-
pose I/O signals.
3.4.1
Keyboard and Mouse Interface
Four serial I/O signals interface with the external keyboard
and mouse. These signals are driven by open-collector driv-
ers with signals derived from two I/O ports residing on the
internal bus. Each output can drive 16 mA, making them
suitable for driving the keyboard and mouse cables. The
signals are named KBCLK, KBDAT, MCLK and MDAT, and
they are the logical complements of P26, P27, P23 and
P22, respectively.
TEST0 and TEST1 are dedicated test pins, internally con-
nected to KBCLK and MCLK, respectively, as shown in Fig-
ures 3-1 and 3-2. These pins may be used as logical
conditions for conditional jump instructions, which directly
check the logical levels at the pins.
KBDAT and MDAT are connected to pins P10 and P11, re-
spectively.
MCLK also provides input to the event counter.
3.4.2
General Purpose I/O Signals
The P12, P16, P17, P20 and P21 general purpose I/O sig-
nals interface to two I/O ports (port1 and port2). P12, P16
and P17 are mapped to port 1 and P20 and P21 are
mapped to port 2.
P12, P16 and P17 are driven by quasi-bidirectional drivers.
(See Figure 3-7.) These signals are called quasi-bidirec-
tional because the output buffer cannot be turned off (even
when the I/O signal is used for input).
During output, a 1 written to output is strongly pulled up for
the duration of a (short) write pulse, and thereafter main-
tained by a high impedance “weak” active pull-up (imple-
mented by a degenerated transistor employed as a
switchable pull-up resistor). A series resistor to those port
lines used for input is recommended to limit the surge cur-
rent during the strong pull-up. See Figure 3-8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com