Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  PC97307 Datasheet HTML 1Page - National Semiconductor (TI) PC97307 Datasheet HTML 2Page - National Semiconductor (TI) PC97307 Datasheet HTML 3Page - National Semiconductor (TI) PC97307 Datasheet HTML 4Page - National Semiconductor (TI) PC97307 Datasheet HTML 5Page - National Semiconductor (TI) PC97307 Datasheet HTML 6Page - National Semiconductor (TI) PC97307 Datasheet HTML 7Page - National Semiconductor (TI) PC97307 Datasheet HTML 8Page - National Semiconductor (TI) PC97307 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 218 page
background image
2
Highlights
www.national.com
s A special Plug and Play (PnP) module that includes:
— Flexible IRQs, DMAs and base addresses that meet
the Plug and Play requirements specified by Mi-
crosoft® in their 1995 hardware design guide for
Windows
® and Plug and Play ISA Revision 1.0A
— Plug and Play ISA mode (with isolation mechanism
– Wait for Key state)
— Motherboard Plug and Play mode
s A Floppy Disk Controller (FDC) that provides:
— A modifiable address that is referenced by a 16-bit
programmable register
— Software compatibility with the PC8477, which con-
tains a superset of the floppy disk controller func-
tions in the
µDP8473, the NEC µPD765A and the
N82077
— 13 IRQ channel options
— Four 8-bit DMA channel options
— 16-byte FIFO
— Burst and non-burst modes
— A high-performance, internal, digital data separator
that does not require any external filter components
— Support for standard 5.25" and 3.5" floppy disk
drives
— Automatic media sense support
— Perpendicular recording drive support
— Three-mode Floppy Disk Drive (FDD) support
— Full support for the IBM Tape Drive Register (TDR)
implementation of AT and PS/2 drive types
s A Keyboard and mouse Controller (KBC) with:
— A modifiable address that is referenced by a 16-bit
programmable register, reported as a fixed address
in resource data
— 13 IRQ options for the keyboard controller
— 13 IRQ options for the mouse controller
— An 8-bit microcontroller
— Software
compatibility
with
the
8042AH
and
PC87911 microcontrollers
— 2 KB of custom-designed program ROM
— 256 bytes of RAM for data
— Five programmable dedicated open drain I/O lines
for keyboard controller applications
— Asynchronous access to two data registers and one
status register during normal operation
— Support for both interrupt and polling
— 93 instructions
— An 8-bit timer/counter
— Support for binary and BCD arithmetic
— Operation at 8 MHz,12 MHz or 16 MHz (programma-
ble option)
— Can be customized using the PC87323VUL, which
includes a RAM-based KBC, as a development plat-
form for keyboard controller code
s A Real-Time Clock (RTC) that has:
— A modifiable address that is referenced by a 16-bit
programmable register
— 13 IRQ options, with programmable polarity
— DS1287, MC146818 and PC87911 compatibility
— 242 bytes of battery backed up CMOS RAM in two
banks
— Selective lock mechanism for the RTC RAM
— Battery backed up century calendar in days, days of
the week, months and years, with automatic leap-
year adjustment
— Battery backed-up time of day in seconds, minutes
and hours that allows a 12 or 24 hour format and ad-
justments for daylight savings time
— BCD or binary format for time keeping
— Three different maskable interrupt flags:
Periodic interrupts - At intervals from 122 msec
to 500 msec
Time-of-day alarm - At intervals from once per
second to once per day
Updated Ended Interrupt - Once per second
upon completion of update
— Separate battery pin, 2.4 V operation that includes
an internal UL protection resistor
— 2
µA maximum power consumption during power
down
— Double-buffer time registers
s An Advanced Power supply Control (APC) that controls
the main power supply to the system, using open-drain
output, as follows:
Power turned on when:
— The RTC reaches a pre-determined date and time.
— A high to low transition occurs on the RI input signals
of the UARTs.
— A ring pulse or pulse train is detected on the RING
input signal.
— A SWITCH input signal indicates a Switch On event
Powered turned off when:
— A SWITCH input signal indicates a Switch Off event
— A Fail-safe event occurs (power-save mode detect-
ed but the system is hung up).
— Software turns power off.
s Two UARTs that provide:
— Software compatibility with the 16550A and the
16450
— A modifiable address that is referenced by a 16-bit
programmable register
— 13 IRQ channel options
— Shadow register support for write-only bits
— Four 8-bit DMA options for the UART with Infrared
support (UART2)
s An enhanced UART and Infrared (IR) interface on the
UART2 that supports:
— UART data rates up to 1.5 Mbaud
— IrDA 1.0 SIR
— ASK-IR option of SHARP-IR
— DASK-IR option of SHARP-IR
— Consumer-IR (TV-Remote) circuitry
— A Plug and Play compatible external transceiver
s A bidirectional parallel port that includes:
— A modifiable address that is referenced by a 16-bit
programmable register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com