Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 43 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 43 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 39Page - National Semiconductor (TI) PC97307 Datasheet HTML 40Page - National Semiconductor (TI) PC97307 Datasheet HTML 41Page - National Semiconductor (TI) PC97307 Datasheet HTML 42Page - National Semiconductor (TI) PC97307 Datasheet HTML 43Page - National Semiconductor (TI) PC97307 Datasheet HTML 44Page - National Semiconductor (TI) PC97307 Datasheet HTML 45Page - National Semiconductor (TI) PC97307 Datasheet HTML 46Page - National Semiconductor (TI) PC97307 Datasheet HTML 47Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 218 page
background image
43
Keyboard (and Mouse) Controller (KBC) (Logical Devices 0 and 1)
www.national.com
FIGURE 3-1. KBC System Functional Block Diagram
KBDAT
Interrupt Matrix
KBCLK MDAT MCLK
Program
ROM
2 K x 8
Data
RAM
256 x 8
(including
registers
and stack)
I/O Port 2
8-Bit
Serial Open-Collector
Drivers
8-Bit Timer
DBBOUT
DBBIN
STATUS
RD WR
P21-20
P27, P26, P23, P22
TEST1
TEST0
D7-0
Timer
8-Bit Internal Bus
Program
Address
IBF
I/O Interface
PC87307/PC97307 Interface
I/O PORT 1
8-Bit
P11,10
P17, P16, P12
P24
P25
8-Bit
CPU
To PnP
A2
or Counter
Overflow
3.0
Keyboard (and Mouse) Controller
(KBC) (Logical Devices 0 and 1)
The Keyboard Controller (KBC) is a functionally indepen-
dent programmable device controller. It is implemented
physically as a single hardware module on the part multi-I/O
chip and houses two separate logical devices: a keyboard
controller and a mouse controller.
The KBC accepts user input from the keyboard or mouse,
and transfers this input to the host PC via the common
PC87307/PC97307-PC interface.
The KBC is functionally equivalent to the industry standard
8042A keyboard controller, which may serve as a detailed
technical reference for the KBC.
The KBC is delivered preprogrammed with customer-sup-
plied code. KBC firmware code is identical to 8042 code,
and to code of the keyboard controller of the PC87323VUL
chip. The PC87323VUL is recommended as a development
platform for the KBC since it uses identical code and in-
cludes an internal program RAM that enables software de-
velopment
3.1
SYSTEM ARCHITECTURE
The KBC is a general purpose microcontroller, with an 8-bit
internal data bus. See Figure 3-1. It includes the following
functional blocks:
Serial Open-Collector Drivers: Four open-collector bi-di-
rectional serial lines enable serial data exchange with
the external devices (keyboard and mouse) using the
PS/2 protocol.
Program ROM: 2 Kbytes of ROM store program machine
code in non-erasable memory. The code is copied to this
ROM during manufacture, from customer-supplied code.
Data RAM: 256 bytes of Data RAM enables run-time inter-
nal data storage, and includes an 8-level stack and 16
8-bit registers.
Timer/Counter: An internal 8-bit timer/counter can count
external events or pre-divided system clock pulses. An in-
ternal time-out interrupt may be generated by this device.
I/O Ports: Two 8-bit ports (Port 1 and Port 2) serve various
I/O functions. Some are for general purpose use, others
are utilized by the KBC firmware as shown in Figure 3-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com