Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 7Page - National Semiconductor (TI) PC97307 Datasheet HTML 8Page - National Semiconductor (TI) PC97307 Datasheet HTML 9Page - National Semiconductor (TI) PC97307 Datasheet HTML 10Page - National Semiconductor (TI) PC97307 Datasheet HTML 11Page - National Semiconductor (TI) PC97307 Datasheet HTML 12Page - National Semiconductor (TI) PC97307 Datasheet HTML 13Page - National Semiconductor (TI) PC97307 Datasheet HTML 14Page - National Semiconductor (TI) PC97307 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 218 page
background image
11
Table of Contents
www.national.com
7.13.3
Shadow of FIFO Control Register (SH_FCR), Bank 3, Offset 02h ............................ 157
7.13.4
Link Control Register (LCR) and Bank Select Register (BSR), Bank 3, Offset 03h .. 157
7.14
BANK 4 – IR MODE SETUP REGISTER ................................................................................ 157
7.14.1
Reserved Registers, Bank 4, Offsets 00h and 01h ................................................... 157
7.14.2
Infrared Control Register 1 (IRCR1), Bank 4, Offset 02h .......................................... 157
7.14.3
Link Control Register (LCR) and Bank Select Register (BSR), Bank 4, Offset 03h .. 158
7.14.4
Reserved Registers, Bank 4, Offsets 04h -07h ......................................................... 158
7.15
BANK 5 – INFRARED CONTROL REGISTERS ..................................................................... 158
7.15.1
Reserved Registers, Bank 5, Offsets 00h -02h ......................................................... 158
7.15.2
(LCR/BSR) Register, Bank 5, Offset 03h .................................................................. 158
7.15.3
Infrared Control Register 2 (IRCR2), Bank 5, Offset 04h .......................................... 158
7.15.4
Reserved Registers, Bank 5, Offsets 05h -07h ......................................................... 158
7.16
BANK 6 – INFRARED PHYSICAL LAYER CONFIGURATION REGISTERS ......................... 159
7.16.1
Infrared Control Register 3 (IRCR3), Bank 6, Offset 00h .......................................... 159
7.16.2
Reserved Register, Bank 6, Offset 01h ..................................................................... 159
7.16.3
SIR Pulse Width Register (SIR_PW), Bank 6, Offset 02h ......................................... 159
7.16.4
Link Control Register (LCR) and Bank Select Register (BSR), Bank 6, Offset 03h .. 159
7.16.5
Reserved Registers, Bank 6, Offsets 04h-07h .......................................................... 159
7.17
BANK 7 – CONSUMER-IR AND OPTICAL TRANSCEIVER CONFIGURATION REGISTERS 159
7.17.1
Infrared Receiver Demodulator Control Register (IRRXDC), Bank 7, Offset 0 ......... 160
7.17.2
Infrared Transmitter Modulator Control Register (IRTXMC), Bank 7, Offset 01h ...... 160
7.17.3
Consumer-IR Configuration Register (RCCFG), Bank 7, Offset 02h ........................ 163
7.17.4
Link Control/Bank Select Registers (LCR/BSR), Bank 7, Offset 03h ........................ 163
7.17.5
Infrared Interface Configuration Register 1 (IRCFG1), Bank 7, Offset 04h ............... 163
7.17.6
Reserved Register, Bank 7, Offset 05h ..................................................................... 164
7.17.7
Infrared Interface Configuration 3 Register (IRCFG3), Bank 7, Offset 06h ............... 164
7.17.8
Infrared Interface Configuration Register 4 (IRCFG4), Bank 7, Offset 07h ............... 164
7.18
UART2 REGISTER WITH FAST IR REGISTER BITMAPS .................................................... 165
8.0
General Purpose Input and Output (GPIO) Ports (Logical Device 7) and Chip
Select Output Signals
8.1
GENERAL PURPOSE INPUT AND OUTPUT (GPIO) PORTS ............................................... 170
8.2
PROGRAMMABLE CHIP SELECT OUTPUT SIGNALS ......................................................... 171
9.0
Power Management (Logical Device 8)
9.1
POWER MANAGEMENT OPTIONS ....................................................................................... 172
9.1.1
Configuration Options ................................................................................................ 172
9.1.2
The WATCHDOG Feature ......................................................................................... 172
9.2
THE POWER MANAGEMENT REGISTERS .......................................................................... 172
9.2.1
Power Management Index Register, Base Address + 00h ........................................ 172
9.2.2
Power Management Data Register, Base Address + 01h ......................................... 173
9.2.3
Function Enable Register 1 (FER1), Index 00h ......................................................... 173
9.2.4
Function Enable Register 2 (FER2), Index 01h ......................................................... 173
9.2.5
Power Management Control 1 Register (PMC1), Index 02h ..................................... 174
9.2.6
Power Management Control 2 Register (PMC2), Index 03h ..................................... 174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com