Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 99 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 99 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 95Page - National Semiconductor (TI) PC97307 Datasheet HTML 96Page - National Semiconductor (TI) PC97307 Datasheet HTML 97Page - National Semiconductor (TI) PC97307 Datasheet HTML 98Page - National Semiconductor (TI) PC97307 Datasheet HTML 99Page - National Semiconductor (TI) PC97307 Datasheet HTML 100Page - National Semiconductor (TI) PC97307 Datasheet HTML 101Page - National Semiconductor (TI) PC97307 Datasheet HTML 102Page - National Semiconductor (TI) PC97307 Datasheet HTML 103Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 218 page
background image
99
www.national.com
TABLE 5-19. SK Effect on READ DELETED DATA
Command
Result Phase
See Table 5-18 for the state of the result bytes when the
command terminates normally.
5.7.12
The READ ID Command
The READ ID command finds the next available address
field and returns the ID bytes (track number, head number,
sector number, bytes-per-sector code) to the microproces-
sor in the result phase.
The controller reads the first ID Field header bytes it can
find and reports these bytes to the system in the result
bytes.
Command Phase
After the last command phase byte is written, the controller
waits the Delay Before Processing time (see Table 5-25 on
page 106) for the selected drive. During this time, the drive
motor must be turned on by enabling the appropriate drive
and motor select disk interface output signals via the bits of
the Digital Output Register (DOR). See “Digital Output Reg-
ister (DOR), Offset 02h” on page 71.
Skip
Control
(SK)
Data
Type
Sector
Read?
Control
Mark Bit 6
of ST2
Result
0
Normal
Y
1
No More
Sectors Read
0
Deleted
Y
0
Normal
Termination
1
Normal
N
1
Sector Skipped
1
Deleted
Y
0
Normal
Termination
76543210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
76543210
0
MFM
001010
XXXXX
HD
DS1
DS0
First Command Phase Byte, Opcode
See “Bit 6 - Modified Frequency Modulation (MFM)” on
page 90.
Second Command Phase Byte
See “Second Command Phase Byte” on page 90 for a
description of the Drive Select (DS1,0) and Head Select
(HD) bits.
Execution Phase
There is no data transfer during the execution phase of this
command. An interrupt is generated when the execution
phase is completed.
The READ ID command does not perform an implied seek.
After waiting the Delay Before Processing time, the control-
ler starts the data separator and waits for the data separator
to find the address field of the next sector. If an error condi-
tion occurs, the Interrupt Code (IC) bits in ST0 are set to ab-
normal termination (01), and the controller enters the result
phase.
Possible errors are:
• The microprocessor aborted the command by writing to
the FIFO.
If there is no disk in the drive, the controller gets stuck.
The microprocessor must then write a byte to the FIFO
to advance the controller to the result phase.
• Two pulses of the INDEX signal were detected since the
search began, and no Address Mark (AM) was found.
When the Address Mark (AM) is not found, the Missing
Address Mark bit (bit 0) is set in ST1. Section 5.5.2 on
page 81 describes the bits of ST1.
Result Phase
76543210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com