Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 66Page - National Semiconductor (TI) PC97307 Datasheet HTML 67Page - National Semiconductor (TI) PC97307 Datasheet HTML 68Page - National Semiconductor (TI) PC97307 Datasheet HTML 69Page - National Semiconductor (TI) PC97307 Datasheet HTML 70Page - National Semiconductor (TI) PC97307 Datasheet HTML 71Page - National Semiconductor (TI) PC97307 Datasheet HTML 72Page - National Semiconductor (TI) PC97307 Datasheet HTML 73Page - National Semiconductor (TI) PC97307 Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 218 page
background image
70
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
5.3
THE REGISTERS OF THE FDC
The FDC registers are mapped to the offset address shown
in Table 5-1, with the base address range provided by the
on-chip address decoder. For PC-AT or PS/2 applications,
the offset address range of the diskette controller is 00h
through 07h from the index of logical device 3.
TABLE 5-1. The FDC Registers and Their Addresses
The FDC supports two system operation modes: PC-AT
drive mode and PS/2 drive mode (MicroChannel systems).
Section 5.1.2 on page 66 describes each mode and “Bit 2 -
PC-AT or PS/2 Drive Mode Select” on page 35 describes
how each is enabled.
Unless specifically indicated otherwise, all fields in all regis-
ters are valid in both drive modes.
The FDC supports plug and play, as follows:
• The FDC interrupt can be routed on one of the following
ISA interrupts: IRQ3-IRQ7, IRQ9-IRQ12 and IRQ15
(see PNP2 register).
• The FDC DMA signals can be routed to one of three 8-
bit ISA DMA channels (see PNP2 register); and its base
address is software configurable (see FBAL and FBAH
registers).
• Upon reset, the DMA of the FDC is routed to the DRQ2
and DACK2 pins.
5.3.1
Status Register A (SRA), Offset 00h
Status Register A (SRA) monitors the state of assigned IRQ
signal and some of the disk interface signals. SRA is a read-
only register that is valid only in PS/2 drive mode.
SRA can be read at any time while PS/2 drive mode is ac-
tive. In PC-AT drive mode, all bits are in TRI-STATE during
a microprocessor read.
Symbol
Description
Offset
R/W
A2 A1 A0
SRA
Status Register A
0
0
0
R
SRB
Status Register B
0
0
1
R
DOR
Digital Output Register
0
1
0
R/W
TDR
Tape Drive Register
0
1
1
R/W
MSR
Main Status Register
1
0
0
R
DSR
Data Rate Select Register 1
0
0
W
FIFO
Data Register (FIFO)
1
0
1
R/W
-
(Bus in TRI-STATE)
1
1
0
X
DIR
Digital Input Register
1
1
1
R
CCR
CCR Configuration
Control Register
111
W
FIGURE 5-5. SRA Register Bitmap (PS/2 Drive Mode)
Bit 0 - Head Direction
This bit indicates the direction of the head of the Floppy
Disk Drive (FDD). Its value is the inverse of the value of
the DIR interface output signal.
0 - DIR is not active, i.e., the head of the FDD steps
outward. (Default)
1 - DIR is active, i.e., the head of the FDD steps in-
ward.
Bit 1 - Write Protect (WP)
This bit indicates whether or not the selected Floppy
Disk Drive (FDD) is write protected. Its value reflects the
status of the WP disk interface input signal.
0 - WP is active, i.e., the FDD in the selected drive is
write protected.
1 - WP is not active, i.e., the FDD in the selected drive
is not write protected.
Bit 2 - Beginning of Track (INDEX)
This bit indicates the beginning of a track. Its value re-
flects the status of the INDEX disk interface input signal.
0 - INDEX is active, i.e., it is the beginning of a track.
1 - INDEX is not active, i.e., it is not the beginning of a
track.
Bit 3 - Head Select
This bit indicates which side of the Floppy Disk Drive
(FDD) is selected by the head. Its value is the inverse of
the HDSEL disk interface output signal.
0 - HDSEL is not active, i.e., the head of the FDD se-
lects side 0. (Default)
1 - HDSEL is active, i.e., the head of the FDD selects
side 1.
Bit 4 - At Track 0 (TRK0)
This bit indicates whether or not the head of the Floppy
Disk Drive (FDD) is at track 0. Its value reflects the sta-
tus of the TRK0 disk interface input signal.
0 - TRK0 is active, i.e., the head of the FDD is at track
0.
1 - TRK0 is not active, i.e., the head of the FDD is not
at track 0.
76543210
Reset
Required
0
0
0
0
Status Register
A (SRA)
Offset 00h
INDEX
TRK0
Step
Reserved
IRQ Pending
Head Direction
WP
Head Select
PS/2 Drive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com