Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 28Page - National Semiconductor (TI) PC97307 Datasheet HTML 29Page - National Semiconductor (TI) PC97307 Datasheet HTML 30Page - National Semiconductor (TI) PC97307 Datasheet HTML 31Page - National Semiconductor (TI) PC97307 Datasheet HTML 32Page - National Semiconductor (TI) PC97307 Datasheet HTML 33Page - National Semiconductor (TI) PC97307 Datasheet HTML 34Page - National Semiconductor (TI) PC97307 Datasheet HTML 35Page - National Semiconductor (TI) PC97307 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 218 page
background image
32
Configuration
www.national.com
TABLE 2-15. FDC Configuration Registers - Logical Device 3
TABLE 2-16. Parallel Port Configuration Registers - Logical Device 4
Index
R/W
Hard Reset
Soft Reset
Configuration Register or Action
30h
R/W
00h or 01h
See CFG0 in Section 2.1.3.
00h or 01h
See CFG0 in
Section 2.1.3.
Activate.
See also FER1 of logical device 8.
31h
R/W
00h
00h
I/O Range Check.
60h
R/W
03h
03h
Base Address MSB Register.
61h
R/W
F2h
F2h
Base Address LSB Register.
Bits 2 and 0 (for A2 and A0) are read only, 0,0.
70h
R/W
06h
06h
Interrupt Select.
71h
R/W
03h
03h
Interrupt Type.
Bit 1 is read/write; other bits are read only.
74h
R/W
02h
02h
DMA Channel Select.
75h
R
04h
04h
Report no DMA assignment.
F0h
R/W
See Section 2.6.1 on page 36.
No Effect
SuperI/O FDC Configuration Register.
F1h
R/W
See Section 2.6.2 on page 37.
No Effect
Drive ID Register.
Index
R/W
Hard Reset
Soft Reset
Configuration Register or Action
30h
R/W
00h
00h
Activate.
See also FER1 of the power management device (logical
device 8).
31h
R/W
00h
00h
I/O Range Check.
60h
R/W
02h
02h
Base Address MSB register.
Bits 7-2 (for A15-10) are read only, 000000b.
61h
R/W
78h
78h
Base Address LSB register.
Bits 1,0 (for A1,0) are read only, 00b.
See Section 2.2.2 on page 25.
70h
R/W
07h
07h
Interrupt Select.
71h
R/W
00h
00h
Interrupt Type.
Bit 0 is read only. It reflects the interrupt type dictated by
the Parallel Port operation mode and configured by the
SuperI/O Parallel Port Configuration register. This bit is
set to 1 (level interrupt) in Extended Mode and cleared
(edge interrupt) in all other modes.
Bit 1 is a read/write bit.
Bits 7-2 are read only.
74h
R/W
04h
04h
DMA Channel Select.
75h
R
04h
04h
Report no DMA assignment.
F0h
R/W
See Section 2.7 on page 37.
No Effect
SuperI/O Parallel Port Configuration register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com