Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 68 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 68 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 64Page - National Semiconductor (TI) PC97307 Datasheet HTML 65Page - National Semiconductor (TI) PC97307 Datasheet HTML 66Page - National Semiconductor (TI) PC97307 Datasheet HTML 67Page - National Semiconductor (TI) PC97307 Datasheet HTML 68Page - National Semiconductor (TI) PC97307 Datasheet HTML 69Page - National Semiconductor (TI) PC97307 Datasheet HTML 70Page - National Semiconductor (TI) PC97307 Datasheet HTML 71Page - National Semiconductor (TI) PC97307 Datasheet HTML 72Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 218 page
background image
68
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
The controller maximizes the internal digital data separator
by implementing a read algorithm that enhances the lock
characteristics of the fully digital Phase-Locked Loop (PLL).
The algorithm minimizes the effect of bad data on the syn-
chronization between the PLL and the data.
It does this by forcing the fully digital PLL to re-lock to the
clock reference frequency any time the data separator at-
tempts to lock to a non-preamble pattern. See the state di-
agram of this read algorithm in Figure 5-3.
FIGURE 5-3. Read Algorithm State Diagram
5.2.3
Perpendicular Recording Mode Support
The FDC is fully compatible with perpendicular recording
mode disk drives at all data transfer rates. These perpendic-
ular drives are also called 4 Mbyte (unformatted) or 2.88
Mbyte (formatted) drives. This refers to their maximum stor-
age capacity.
Perpendicular recording orients the magnetic flux changes
(which represent bits) vertically on the disk surface, allow-
ing for a higher recording density than conventional longitu-
dinal recording methods. This increased recording density
increases data rate by up to 1 Mbps, thereby doubling the
storage capacity. In addition, the perpendicular 2.88 MB
drive is read/write compatible with 1.44 MB and 720 KB dis-
kettes (500 Kbps and 250 Kbps respectively).
The 2.88 MB drive has unique format and write data timing
requirements due to its read/write head and pre-erase head
design. This is illustrated in Figure 5-4.
Unlike conventional disk drives which have only a
read/write head, the 2.88 MB drive has both a pre-erase
head and read/write head. With conventional disk drives,
the read/write head, itself, can rewrite the disk without prob-
lems. 2.88 MB drives need a pre-erase head to erase the
magnetic flux on the disk surface before the read/write head
can write to the disk surface. The pre-erase head is activat-
ed during disk write operations only, i.e. FORMAT and
WRITE DATA commands.
Not
sixth bit.
Read Gate = 1
Read Gate = 0
PLL
to data.
Wait six bits.
Three address
Wait for
is not a
bit.
Bit is
preamble.
Bit is not
preamble.
Three address
marks found.
Check for
three address
mark bytes.
Not third
address mark.
PLL idle
locked
to clock.
Operation
completed.
Read ID
field or
data field.
locking
first bit that
preamble
marks not found.
In 2.88 MB drives, the pre-erase head leads the read/write
head by 200
µm, which translates to 38 bytes at 1 Mbps (19
bytes at 500 Kbps).
FIGURE 5-4. Perpendicular Recording Drive
Read/Write Head and Pre-Erase Head
For both conventional and perpendicular drives, WGATE is
asserted with respect to the position of the read/write head.
With conventional drives, this means that WGATE is assert-
ed when the read/write head is located at the beginning of
the preamble to the data field.
With 2.88 MB drives, since the preamble must be erased
before it is rewritten, WGATE should be asserted when the
pre-erase head is located at the beginning of the preamble
to the data field. This means that WGATE should be assert-
ed when the read/write head is at least 38 bytes (at 1 Mbps)
before the preamble. Tables 5-15 and 5-16 on page 95
show how the perpendicular format affects gap 2 and, con-
sequently, WGATE timing, for different data rates.
Because of the 38-byte spacing between the read/write
head and the pre-erase head at 1 Mbps, the gap 2 length of
22 bytes used in the standard IBM disk format is not long
enough. The format standard for 2.88 MB drives at 1 Mbps
called the Perpendicular Format, increases the length of
gap 2 to 41 bytes. See Figure 5-20 on page 91.
The PERPENDICULAR MODE command puts the Floppy
Disk Controller (FDC) into perpendicular recording mode,
which allows it to read and write perpendicular media. Once
this command is invoked, the read, write and format com-
mands can be executed in the normal manner. The perpen-
dicular mode of the FDC functions at all data rates,
adjusting format and write data parameters accordingly.
See “The PERPENDICULAR MODE Command” on page
94 for more details.
5.2.4
Data Rate Selection
The FDC sets the data rate in two ways. For PC compatible
software, the Configuration Control Register (CCR) at offset
07h programs the data rate for the FDC. The lower bits D1
and D0 in the CCR set the data rate. The other bits should
be set to zero. Table 5-6 on page 75 shows how to encode
the desired data rate.
The lower two bits of the Data rate Select Register (DSR) at
offset 04h can also set the data rate. These bits are encod-
ed like the corresponding bits in the CCR. The remainder of
the bits in the DSR have other functions. See the descrip-
tion of the DSR in Section 5.3.6 on page 75 for more details.
The data rate is determined by the last value written to ei-
ther the CCR or the DSR. Either the CCR or the DSR can
override the data rate selection of the other register. When
the data rate is selected, the micro-engine and data sepa-
rator clocks are scaled appropriately.
200
µm
(38 bytes @ 1 Mbps)
End of
ID Field
Data Field
Preamble
Intersector
Read/
Pre-
Head
Head
Write
Gap 2
= 41 x 4Eh
Erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com