Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 72Page - National Semiconductor (TI) PC97307 Datasheet HTML 73Page - National Semiconductor (TI) PC97307 Datasheet HTML 74Page - National Semiconductor (TI) PC97307 Datasheet HTML 75Page - National Semiconductor (TI) PC97307 Datasheet HTML 76Page - National Semiconductor (TI) PC97307 Datasheet HTML 77Page - National Semiconductor (TI) PC97307 Datasheet HTML 78Page - National Semiconductor (TI) PC97307 Datasheet HTML 79Page - National Semiconductor (TI) PC97307 Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 218 page
background image
76
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
Track 0 is the default starting track number for precom-
pensation. The starting track number can be changed
using the CONFIGURE command.
TABLE 5-7. Write Precompensation Delays
TABLE 5-8. Default Precompensation Delays
Bit 5 - Undefined
Should be set to 0.
Bit 6 - Low Power
This bit triggers a manual power down of the FDC in
which the clock and data separator circuits are turned
off. A manual power down can also be triggered by the
MODE command.
After a manual power down, the FDC returns to normal
power after a software reset, or an access to the Data
Register (FIFO) or the Main Status Register (MSR).
0 - Normal power.
1 - Trigger power down.
Bit 7 - Software Reset
This bit controls the same kind of software reset of the
FDC as bit 2 of the Digital Output Register (DOR). The
difference is that this bit is automatically cleared to 0 (no
reset) 100 nsec after it was set to 1.
See also “Bit 2 - Reset Controller” on page 72.
0 - No reset. (Default)
1 - Reset.
DSR Bits
Duration of Delay
432
0
0
0
Default (Table 5-8)
0
0
1
41.7 nsec
0
1
0
83.3 nsec
0
1
1
125.0 nsec
1
0
0
166.7 nsec
1
0
1
208.3 nsec
1
1
0
250.0 nsec
1
1
1
0.0 nsec
Data Rate
Precompensation Delay
1 Mbps
41.7 nsec
500 Kbps
125.0 nsec
300 Kbps
125.0 nsec
250 Kbps
125.0 nsec
5.3.7
Data Register (FIFO), Offset 05h
The Data Register of the FDC is a read/write register that is
used to transfer all commands, data and status information
between the microprocessor and the FDC.
During the command phase, the microprocessor writes
command bytes into the Data Register after polling the
RQM (bit 7) and DIO (bit 6) bits in the MSR. During the re-
sult phase, the microprocessor reads result bytes from the
Data Register after polling the RQM and DIO bits in the
MSR.
Use of the FIFO buffer lengthens the interrupt latency peri-
od and, thereby, reduces the chance of a disk overrun or
underrun error occurring. Typically, the FIFO buffer is used
at a 1 Mbps data transfer rate or with multi-tasking operating
systems.
Enabling and Disabling the FIFO Buffer
The 16-byte FIFO buffer can be used for DMA, interrupt, or
software polling type transfers during the execution of a
read, write, format or scan command.
The FIFO buffer is enabled and its threshold is set by the
CONFIGURE command.
When the FIFO buffer is enabled, only execution phase byte
transfers use it. If the FIFO buffer is enabled, it is not dis-
abled after a software reset if the LOCK bit is set in the
LOCK command.
The FIFO buffer is always disabled during the command
and result phases of a controller operation. A hardware re-
set disables the FIFO buffer and sets its threshold to zero.
The MODE command can also disable the FIFO for read or
write operations separately.
After a hardware reset, the FIFO buffer is disabled to main-
tain compatibility with PC-AT systems.
Burst Mode Enabled and Disabled
The FIFO buffer can be used with burst mode enabled or
disabled by the MODE command.
In burst mode, the DRQ or IRQ signal assigned to the FDC
remains active until all of the bytes have been transferred to
or from the FIFO buffer.
When burst mode is disabled, the appropriate DRQ or IRQ
signal is deactivated for 350 nsec to allow higher priority
transfer requests to be processed.
FIFO Buffer Response Time
During the execution phase of a command involving data
transfer to or from the FIFO buffer, the maximum time the
system has to respond to a data transfer service request is
calculated by the following formula:
Max_Time = (THRESH + 1) x 8 x tDRP – (16 x tICP)
This formula applies for all data transfer rates, whether the
FIFO buffer is enabled or disabled. THRESH is a 4-bit value
programmed by the CONFIGURE command, which sets
the threshold of the FIFO buffer. If the FIFO buffer is dis-
abled, THRESH is zero in the above formula. The last term
in the formula, (16 x tICP) is an inherent delay due to the mi-
crocode overhead required by the FDC. This delay is also
data rate dependent. Table 13-36 on page 192 specifies
minimum and maximum values for tDRP and tICP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com