Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 38Page - National Semiconductor (TI) PC97307 Datasheet HTML 39Page - National Semiconductor (TI) PC97307 Datasheet HTML 40Page - National Semiconductor (TI) PC97307 Datasheet HTML 41Page - National Semiconductor (TI) PC97307 Datasheet HTML 42Page - National Semiconductor (TI) PC97307 Datasheet HTML 43Page - National Semiconductor (TI) PC97307 Datasheet HTML 44Page - National Semiconductor (TI) PC97307 Datasheet HTML 45Page - National Semiconductor (TI) PC97307 Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 218 page
background image
42
Configuration
www.national.com
TRI-STATE Control
Four Drive Control
76543210
Reset
Required
0
0
0
0
0
1
0
0
SuperI/O FDC
Index F0h
Configuration
Reserved
Register,
DENSEL Polarity Control
TDR Register Mode
Drive 0 ID
Reserved
76543210
Reset
Required
0
0
0
0
0
0
0
0
Index F1h
Drive ID Register,
Drive 1 ID
TRI-STATE Control
Parallel Port Mode Select
76543210
Reset
Required
0
1
0
0
1
1
1
1
Index F0h
Configuration Register,
PP of PnP ISA Resource Data
SuperI/O Parallel Port
Clock Enable
Reserved
Configuration Bits within the Parallel Port
TRI-STATE Control for
Bank Select Enable
76543210
Reset
Required
0
0
0
0
0
0
0
0
Index F0h
Configuration Register,
Ring Detection on RI Pin
SuperI/O UART1,2
Power Mode Control
Busy Indicator
Reserved
UART Pins
Mask Address Pins A11-4
76543210
Reset
Required
0
0
0
0
0
0
0
0
Second Level
Register,
Mask Address Pin A3
CS0 Configuration
Mask Address Pin A1
Mask Address Pin A2
Assert Chip Select Signal on Read
Mask Address Pin A0
Unaffected by RD/WR
Assert Chip Select Signal on Write
Index 02h
Mask Address Pins A11-4
76543210
Reset
Required
0
0
0
0
0
0
0
0
Second Level
Register,
Mask Address Pin A3
CS1 Configuration
Mask Address Pin A1
Mask Address Pin A2
Assert Chip Select Signal on Read
Mask Address Pin A0
Unaffected by RD/WR
Assert Chip Select Signal on Write
Index 06h
Mask Address Pins A11-4
76543210
Reset
Required
0
0
0
0
0
0
0
0
Second Level
Register,
Mask Address Pin A3
CS2 Configuration
Mask Address Pin A1
Mask Address Pin A2
Assert Chip Select Signal on Read
Mask Address Pin A0
Unaffected by RD/WR
Assert Chip Select Signal on Write
Index 0Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com