Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 13Page - National Semiconductor (TI) PC97307 Datasheet HTML 14Page - National Semiconductor (TI) PC97307 Datasheet HTML 15Page - National Semiconductor (TI) PC97307 Datasheet HTML 16Page - National Semiconductor (TI) PC97307 Datasheet HTML 17Page - National Semiconductor (TI) PC97307 Datasheet HTML 18Page - National Semiconductor (TI) PC97307 Datasheet HTML 19Page - National Semiconductor (TI) PC97307 Datasheet HTML 20Page - National Semiconductor (TI) PC97307 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 218 page
background image
17
Signal/Pin Connection and Description
www.national.com
DIR
90
FDC
Output
Group 16
Direction (FDC) – This output signal determines the direction of the
Floppy Disk Drive (FDD) head movement (active = step in, inactive =
step out) during a seek operation. During reads or writes, DIR is
inactive.
DR1,0
88, 87
FDC
Output
Group 16
Drive Select 0 and 1 (FDC) – These active low output signals are
the decoded drive select output signals. DR0 and DR1 are controlled
by Digital Output Register (DOR) bits 0 and 1. They are encoded with
information to control four FDDs when bit 7 of the SuperI/O FDC
Configuration register is 1, as described in Section 2.6.1 on page 36.
See MTR0,1 for more information.
DRATE0
84
FDC
Output
Group 20
Data Rate 0 (FDC) – This output signal reflects the value of bit 0 of
the Configuration Control Register (CCR) or the Data Rate Select
Register (DSR), whichever was written to last. Output from the pin is
totem-pole buffered (6 mA sink, 6 mA source).
DRQ3-0
55-52
ISA-Bus
Output
Group 18
DMA Request 0, 1, 2 and 3 – These active high output signals
inform the DMA controller that a data transfer is needed. These DMA
signals can be mapped to the following logical devices: Floppy Disk
Controller (FDC), UART1, UART2 or parallel port.
DSKCHG
99
FDC
Input
Group 1
Disk Change (FDC) – This input signal indicates whether or not the
drive door has been opened. The state of this pin is available from
the Digital Input Register (DIR). This pin can also be configured as
the RGATE data separator diagnostic input signal via the MODE
command. See the MODE command in Section 5.7.7 starting on
page 92.
DSR2,1
143, 133
UART1,
UART2
Input
Group 1
Data Set Ready – When low, this signal indicates that the data
transfer device, e.g., modem, is ready to establish a communications
link.
The DSR signal is a modem status input signal whose condition the
CPU can test by reading bit 5 (DSR) of the Modem Status Register
(MSR) for the appropriate channel. Bit 5 is the complement of the
DSR signal. Bit 1 (DDSR) of the MSR indicates whether the DSR
input signal has changed state since the previous reading of the
MSR.
Whenever the DDSR bit of the MSR is set, an interrupt is generated
if modem status interrupts are enabled.
DSTRB
119
Parallel Port
Output
Group 23
Data Strobe (EPP) – This signal is used in EPP mode as a data
strobe. It is active low.
DSTRB is multiplexed with AFD. See Table 6-12 on page 134 for
more information.
DTR2,1
144, 134
UART1,
UART2
Output
Group 17
Data Terminal Ready – When low, this output signal indicates to the
modem or other data transfer device that the UART1 or UART2 is
ready to establish a communications link.
The DTR signal can be set active low by programming bit 0 (DTR) of
the Modem Control Register (MCR) to high (1).
A Master Reset (MR) deactivates this signal high, and loopback
operation holds this signal inactive.
DTR2 is multiplexed with CFG1 and BOUT2. DTR1 is multiplexed
with BADDR0 and BOUT1.
ERR
116
Parallel Port
Input
Group 3
Error – This input signal is set active low by the printer when it has
detected an error. This pin is internally connected to a nominal 25 K
Ω
pull-up resistor.
GPIO17-10
156-149
General
Purpose
I/O
Group 10
General Purpose I/O Signals 17-10 – General purpose I/O signals
of I/O Port 1.
GPIO17 is multiplexed with WDO.
Signal/Pin
Name
Pin
Number
Module
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com