Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 73Page - National Semiconductor (TI) PC97307 Datasheet HTML 74Page - National Semiconductor (TI) PC97307 Datasheet HTML 75Page - National Semiconductor (TI) PC97307 Datasheet HTML 76Page - National Semiconductor (TI) PC97307 Datasheet HTML 77Page - National Semiconductor (TI) PC97307 Datasheet HTML 78Page - National Semiconductor (TI) PC97307 Datasheet HTML 79Page - National Semiconductor (TI) PC97307 Datasheet HTML 80Page - National Semiconductor (TI) PC97307 Datasheet HTML 81Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 218 page
background image
77
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
The programmable FIFO threshold (THRESH) is useful in
adjusting the FDC to the speed of the system. A slow sys-
tem with a sluggish DMA transfer capability requires a high
value for THRESH. this gives the system more time to re-
spond to a data transfer service request (DRQ for DMA
mode or IRQ for interrupt mode). Conversely, a fast system
with quick response to a data transfer service request can
use a low value for THRESH.
FIGURE 5-12. FDC Data Register Bitmap
5.3.8
Digital Input Register (DIR), Offset 07h,
Read Operations
This read-only diagnostic register is used to detect the state
of the DSKCHG disk interface input signal and some diag-
nostic signals. DIR is unaffected by a software reset.
The bits of the DIR register function differently depending
on whether the FDC is operating in PC-AT drive mode or in
PS/2 drive mode. See Section 5.1.2 on page 66.
In PC-AT drive mode, bits 6 through 0 are in TRI-STATE to
prevent conflict with the status register of the hard disk at
the same address as the DIR.
FIGURE 5-13. DIR Register Bitmap, Read Operations,
PC-AT Drive Mode
76543210
Reset
Required
Data Register
(FIFO)
Offset 05h
Data
76543210
Reset
Required
1
1
1
1
1
Digital Input
Register (DIR)
Offset 07h
DSKCHG
Reserved, In TRI-STATE
Read Operations, PC-AT Drive Mode
FIGURE 5-14. DIR Register Bitmap, Read Operations,
PS/2 Drive Mode
Bit 0 - High Density (PS/2 Drive Mode Only)
In PC-AT drive mode, this bit is reserved, in TRI-STATE
and used by the status register of the hard disk.
In PS/2 drive mode, this bit indicates whether the data
transfer rate is high or low.
0 - The data transfer rate is high, i.e., 1 Mbps or 500
Kbps.
1 - The data transfer rate is low, i.e., 300 Kbps or 250
Kbps.
Bits 2,1 - Data Rata Select 1,0 (DRATE1,0)
(PS/2 Drive Mode Only)
In PC-AT drive mode, these bits are reserved, in TRI-
STATE and used by the status register of the hard disk.
In PS/2 drive mode, these bits indicate the status of the
DRATE1,0 bits programmed in DSR or CCR, whichever
is written last.
The significance of each value for these bits depends on
the supported speeds. See Table 5-6.
00 - Data transfer rate is 500 Kbps.
01 - Data transfer rate is 300 Kbps.
10 - Data transfer rate is 250 Kbps.
11 - Data transfer rate is 1 Mbps.
Bits 6-3 - Reserved
These bits are reserved and are always 1. In PC-AT
mode these bits are also in TRI-STATE. They are used
by the status register of the fixed hard disk.
Bit 7 - Disk Changed (DSKCHG)
This bit reflects the status of the DSKCHG disk interface
input signal.
During power down this bit is invalid, if it is read by the
software.
0 - DSKCHG is not active.
1 - DSKCHG is active.
76543210
Reset
Required
1
1
1
1
1
Digital Input
Register (DIR)
Offset 07h
DRATE1 Status
DSKCHG
DRATE0 Status
Reserved
High Density
Read Operations, PS/2 Drive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com