Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 41Page - National Semiconductor (TI) PC97307 Datasheet HTML 42Page - National Semiconductor (TI) PC97307 Datasheet HTML 43Page - National Semiconductor (TI) PC97307 Datasheet HTML 44Page - National Semiconductor (TI) PC97307 Datasheet HTML 45Page - National Semiconductor (TI) PC97307 Datasheet HTML 46Page - National Semiconductor (TI) PC97307 Datasheet HTML 47Page - National Semiconductor (TI) PC97307 Datasheet HTML 48Page - National Semiconductor (TI) PC97307 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 218 page
background image
45
Keyboard (and Mouse) Controller (KBC) (Logical Devices 0 and 1)
www.national.com
Note:
The EN FLAGS command (used for routing OBF and
IBF onto P24 and P25 in the 8042) causes unpredict-
able results and should not be issued.
3.3.3
KBC Clock
The KBC clock frequency is selected by the SuperI/O KBC
Configuration Register at index F0h of logical device 0 to be
either 8, 12 or 16 MHz. 16 MHz is not available when the
clock source on pin X1 is 24 MHz. This clock is generated
from a 32.768 KHz crystal connected to pins X1C and X2C,
or from either a 24 MHz or a 48 MHz clock input at pin X1.
See “SuperI/O KBC Configuration Register, Index F0h” on
page 36, Figures 3-4 and 3-5. The clock source and fre-
quency may only be changed when the KBC is disabled.
For details regarding the configuration of each device, refer
to Tables 2-12 and 2-13 starting on page 30.
FIGURE 3-5. External Clock Connection
PC87307/PC97307
X1
+VCC
External
Clock
Standard or
Open-Collector
TTL Driver
FIGURE 3-3. Interrupt Request Logic
FIGURE 3-4. Instruction Timing
From Mouse IRQ
A15-0
AEN
Address
Decoder
MR
Port 60
Read
Mouse IRQ Feedback
From KBC IRQ
PR
Q
D
CLR
“1”
0
1
MUX
Interrupt
KBC IRQ Feedback
CLK
Interrupt Enable
A15-0
AEN
RD
Address
Decoder
Port 60
Read
Interrupt Enable
MR
RD
(1 = Latch)
Interrupt
(0 = Invert)
Type
Polarity
0
1 MUX
Plug and
Play Matrix
PR
Q
D
CLR
“1”
0
1
MUX
Interrupt
CLK
(1 = Latch)
Interrupt
(0 = Invert)
Type
Polarity
0
1 MUX
Plug and
Play Matrix
S1
S2
S3
S4
S5
S1
1 Instruction Cycle = 15 Clock Cycles
KBC CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com