Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 55Page - National Semiconductor (TI) PC97307 Datasheet HTML 56Page - National Semiconductor (TI) PC97307 Datasheet HTML 57Page - National Semiconductor (TI) PC97307 Datasheet HTML 58Page - National Semiconductor (TI) PC97307 Datasheet HTML 59Page - National Semiconductor (TI) PC97307 Datasheet HTML 60Page - National Semiconductor (TI) PC97307 Datasheet HTML 61Page - National Semiconductor (TI) PC97307 Datasheet HTML 62Page - National Semiconductor (TI) PC97307 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 218 page
background image
59
Real-Time Clock (RTC) and Advanced Power Control (APC) (Logical Device 2)
www.national.com
Power Off Request (POR)
The APC allows a maskable or non-maskable interrupt on
the POR pin when the Switch Off event is detected on the
SWITCH input pin.
This interrupt enables the user to perform an orderly exit
procedure, automatically performing housekeeping func-
tions such as file backups, printout completion and commu-
nications terminations, before powering down.
See Figure 4-10.
Power Failure
The APC is in a Power Failure state when it is powered by
VBAT, without VCCH.
Upon entering a Power Failure state, the following events
occur:
• The UART input signals (RI2,1), the SWITCH (ON/OFF
switch) pin and RING pin (for detecting telephone line
incoming signals for fax, modem or voice communica-
tions) are masked (high).
These signals remain masked until one second after exit
from the Power Failure state, i.e., one second after
switching from VBAT to VCCH, unless the MOAP bit is set
to 1. See description of this bit on page 60..
• The ONCTL pin state is internally saved, and ONCTL is
forced inactive.
One second after power returns, the ONCTL signal re-
verts to its saved state, if the MOAP bit (Mask ONCTL
Activation, i.e., bit 4) of the APCR1 register is cleared
to 0. If the MOAP bit is set to 1, ONCTL remains inac-
tive. If MOAP = 0, when the one second delay expires,
new events can activate ONCTL, unless a time match
occurs during Power Failure, in which case the APC
“remembers” to activate ONCTL at the end of the one
second delay.
If the MOAP bit (bit 4 of APCR1) and the Power Failure
bit (bit 7 of APCR1) are both 1, then only the Switch On
event can activate ONCTL.
4.4.3
System Power-Up and Power-Off Activation
Event Description
The APC may activate the host power supply when the fol-
lowing events occur:
• Physical On/Off switch is depressed and V
DD is ab-
sent.
• Preprogrammed wake-up time arrives.
• Communications input is detected on a modem.
• Ring signal is detected at a telephone input jack.
The PC may be powered down by the following events:
• Physical On/Off switch is depressed, and V
DD is
present.
• Software controlled power down.
• Fail-safe power down in the event of power-down soft-
ware hang-up. (See “Switch-Off Event”.)
The SWITCH Input Signal
This signal provides two events: Switch-On and Switch-Off.
In both, the physical switch line is debounced, i.e., the sig-
nal state is transferred only after 14 to 16 msec without tran-
sitions, which ensures the switch is no longer bouncing. See
Figure 4-10.
Switch-On Event - Detection of a high to low transition on
the debounced SWITCH input pin, when VDD does not
exist. The Switch-On event is masked (not detected) for
one to two seconds after VDD is removed.
Switch-Off Event - Detection of a high to low transition on
the debounced SWITCH input pin, when VDD exists.
The Switch-Off event is masked for one to two seconds
after VDD was removed for the last time.
The Switch-Off event sets the Switch-Off Event Detect
bit (bit 5 in APSR) to 1.
Switch-Off Delay - When the Switch Off Delay Enable bit
(bit 6 in register APCR2) is 0, the Switch-Off event pow-
ers the system off immediately, i.e., the ONCTL output
pin is deactivated immediately.
When the Switch-Off Delay Enable bit is 1 and a Switch-Off
event occurs, a fail-safe timer starts a countdown of 5 or 21
seconds. (See bit 1 of the APCR1 register on page 60). If it
is allowed to complete this sequence, the fail-safe timer sets
the ONCTL signal high (inactive).
Switch-Off Event detection activates the Power-Off Re-
quest (POR) that triggers a user-defined interrupt routine to
conduct housekeeping activities prior to powering down.
(The user may also detect the Switch-Off Event by polling
the Switch-Off Detect bit, rather than the interrupt routine).
The user must ensure that the power-off routine does not
exceed the 5 or 21 second Switch-Off Delay, or else the
routine must set bit 6 of APCR1 to stop and reset the fail-
safe timer, thus preventing fail-safe timer causing power off
before completion.
If the power-off routine gets “hung up”, and the timer was
not stopped and reset, then after the delay time has elapsed
the timer will conclude its countdown and activate power off
(deactivate ONCTL).
The fails-safe timer is reset and stopped by writing 1 to the
Fail-safe Timer Reset bit (bit 6 of APCR1). Switch-Off
events detected while the timer is already counting are ig-
nored. If during the count of the Fail-safe timer due to a
switch off event with delay, VDD goes down, the fail safe
timer is stopped and reset and ONCTL is not deactivated.
POR is asserted on a Switch-Off Event. It can be configured
as either edge or level triggered, according to the APCR1
register, bit 2. In edge mode, it is a negative pulse, and in
level mode it remains asserted until cleared by a level POR
Clear Command (bit 3 of the APCR1 register, see Figure
4-10). Selection of POR on the GPIO22/POR pin is via the
SuperI/O Configuration 2 register (at index 22h). Selection
of the POR output buffer is via GPIO22 output buffer control
bits (Port 2 Output Type and Port 2 Pull-up Control regis-
ters). See Table 8-1 on page 170.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com