Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 24Page - National Semiconductor (TI) PC97307 Datasheet HTML 25Page - National Semiconductor (TI) PC97307 Datasheet HTML 26Page - National Semiconductor (TI) PC97307 Datasheet HTML 27Page - National Semiconductor (TI) PC97307 Datasheet HTML 28Page - National Semiconductor (TI) PC97307 Datasheet HTML 29Page - National Semiconductor (TI) PC97307 Datasheet HTML 30Page - National Semiconductor (TI) PC97307 Datasheet HTML 31Page - National Semiconductor (TI) PC97307 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 218 page
background image
28
Configuration
www.national.com
TABLE 2-6. PnP Logical Device Control Registers
TABLE 2-7. PnP I/O Space Configuration Registers
Index
Name
Definition
0030h
Activate
For each logical device there is one Activate register that controls whether or not the
logical device is active on the ISA bus.
This is a read/write register.
Before a logical device is activated, I/O Range Check must be disabled.
Bit 0 - Logical Device Activation Control
0 - Do not activate the logical device.
1 - Activate the logical device.
Bits 7-1 - Reserved
These bits are reserved and return 0 on reads.
0031h
I/O Range Check
This register is used to perform a conflict check on the I/O port range programmed
for use by a logical device.
This register is read/write.
Bit 0 - I/O Range Check control
0 - The logical device drives 00AAh.
1 - The logical device responds to I/O reads of the logical device's assigned I/O
range with a 0055h when I/O Range Check is enabled.
Bit 1 - Enable I/O Range Check
0 - I/O Range Check is disabled.
1 - I/O Range Check is enabled. (I/O Range Check is valid only when the logical
device is inactive).
Bits 7-2 - Reserved
These bits are reserved and return 0 on reads.
Index
Name
Definition
60h
I/O Port Base
Address Bits (15-8)
Descriptor 0
Read/write value indicating the selected I/O lower limit address bits 15-8 for I/O
descriptor 0.
61h
I/O Port Base
Address Bits (7-0)
Descriptor 0
Read/write value indicating the selected I/O lower limit address bits 7-0 for I/O
descriptor 0.
62h
I/O Port Base
Address Bits (15-8)
Descriptor 1
Read/write value indicating the selected I/O lower limit address bits 15-8 for I/O
descriptor 1.
63h
I/O Port Base
Address Bits (7-0)
Descriptor 1
Read/write value indicating the selected I/O lower limit address bits 7-0 for I/O
descriptor 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com