Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 18Page - National Semiconductor (TI) PC97307 Datasheet HTML 19Page - National Semiconductor (TI) PC97307 Datasheet HTML 20Page - National Semiconductor (TI) PC97307 Datasheet HTML 21Page - National Semiconductor (TI) PC97307 Datasheet HTML 22Page - National Semiconductor (TI) PC97307 Datasheet HTML 23Page - National Semiconductor (TI) PC97307 Datasheet HTML 24Page - National Semiconductor (TI) PC97307 Datasheet HTML 25Page - National Semiconductor (TI) PC97307 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 218 page
background image
22
Signal/Pin Connection and Description
www.national.com
WGATE
93
FDC
Output
Group 16
Write Gate (FDC) – This output signal enables the write circuitry of
the selected disk drive. WGATE is designed to prevent glitches
during power up and power down. This prevents writing to the disk
when power is cycled.
WP
98
FDC
Input
Group 1
Write Protected – This input signal indicates that the disk in the
selected drive is write protected.
WR
34
ISA-Bus
Input
Group 1
I/O Write – WR is an active low input signal that indicates a write
operation from the microprocessor to the controller.
WRITE
112
Parallel Port
Output
Group 23
Write Strobe – In EPP mode, this active low signal is a write strobe.
This signal is multiplexed with STB. See Table 6-12 on page 134 for
more information.
X1
50
Clock
Input
Group 6
Clock In – A TTL or CMOS compatible 24 MHz or 48 MHz clock.
See Chapter 11.
X1C
62
RTC
Input
Crystal 1 Slow – Input signal to the internal Real-Time Clock (RTC)
crystal oscillator amplifier.
X2C
63
RTC
Output
Crystal 2 Slow – Output signal from the internal Real-Time Clock
(RTC) crystal oscillator amplifier.
XD7,6,
XD1,0
78, 77
72, 71
X-Bus
I/O
Group 9
X-Bus Data – These bidirectional signals hold the data in the X Data
Buffer (XDB).
XD7 is multiplexed with IRSL1 and ID1.
XD6 is multiplexed with IRSL2, SELCS and GPIO21.
XD5-2 are multiplexed with GPIO27-24, respectively.
XD1,0 are multiplexed with CS2,1 respectively.
See Table 1-2 on page 23.
XD5-2
76-73
X-Bus
I/O
Group 10
XDCS
69
X-Bus
Input
Group 7
X-Bus Data Buffer (XDB) Chip Select – This signal enables and
disables the bidirectional XD7-0 data buffer signals.
This signal is multiplexed with RING. See Table 1-2 on page 23.
XDRD
70
X-Bus
Input
Group 1
X-Bus Data Buffer (XDB) Read Command – This signal controls
the direction of the bidirectional XD7-0 data buffer signals.
This signal is multiplexed with ID3. See Table 1-2 on page 23.
ZWS
31
ISA-Bus
Output
Group 22
Zero Wait State – When this open-drain output signal is activated
(driven low), it indicates that the access time can be shortened, i.e.,
zero wait states.
ZWS is never activated (driven low) on access to SuperI/O chip
configuration registers (including during the Isolation state) or on
access to the parallel port in SPP or EPP 1.9 mode.
ZWS is always activated (driven low) on access to the parallel port in
ECP mode.
Assertion of ZWS on access to a parallel port in EPP 1.7 mode is
controlled by bit 3 of the Control2 register (at second level offset 02h)
of the parallel port (accessed by the Index and Data registers at
base+403h and base+404h). See page 127.
Bit 0 of the SuperI/O Configuration 1 register (at index 21h) controls
assertion of ZWS on access to any other addresses of the part. See
page 35.
Signal/Pin
Name
Pin
Number
Module
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com