Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 64 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 64 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 60Page - National Semiconductor (TI) PC97307 Datasheet HTML 61Page - National Semiconductor (TI) PC97307 Datasheet HTML 62Page - National Semiconductor (TI) PC97307 Datasheet HTML 63Page - National Semiconductor (TI) PC97307 Datasheet HTML 64Page - National Semiconductor (TI) PC97307 Datasheet HTML 65Page - National Semiconductor (TI) PC97307 Datasheet HTML 66Page - National Semiconductor (TI) PC97307 Datasheet HTML 67Page - National Semiconductor (TI) PC97307 Datasheet HTML 68Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 218 page
background image
64
Real-Time Clock (RTC) and Advanced Power Control (APC) (Logical Device 2)
www.national.com
4.7
REGISTER BANK TABLES
TABLE 4-6. Banks 1 and 2, Common 64-Byte Memory Map
TABLE 4-7. Bank 0 Registers, General Purpose Memory Bank
Index
Function
BCD Format
Binary Format
Comments
00h
Seconds
00-59
00-3b
R/W
01h
Seconds Alarm
00-59
00-3b
R/W
02h
Minutes
00-59
00-3b
R/W
03h
Minutes Alarm
00-59
00-3b
R/W
04h
Hours
12 hr = 01-12 (AM)
01-0c (AM)
R/W
12 hr = 81-92 (PM)
81-8c (PM)
R/W
24 hr = 00-23
00-17
R/W
05h
Hours Alarm
12 hr = 01-12 (AM)
01-0c (AM)
R/W
12 hr = 81-92 (PM)
81-8c (PM)
R/W
24 hr = 00-23
00-17
R/W
06h
Day of Week
01-07
01-07 (Sunday = 1)
R/W
07h
Date of Month
01-31
01-1f
R/W
08h
Month
01-12
01-0c
R/W
09h
Year
00-99
00-63
R/W
0Ah
Control Register A
R/W (bit 7 is read only)
0Bh
Control Register B
R/W (bit 3 is read only)
0Ch
Control Register C
All bits read only
0Dh
Control Register D
All bits read only
0Eh-3Fh General Purpose
RAM
R/W
Register
Index
Type Power-on Value
Function
00h-3Fh
The first 14 RTC registers and the first 50 RTC
RAM bytes are shared among banks 0, 1 and 2.
40h - 7Fh
R/W
General Purpose 64-Byte Battery-Backed RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com