Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 47Page - National Semiconductor (TI) PC97307 Datasheet HTML 48Page - National Semiconductor (TI) PC97307 Datasheet HTML 49Page - National Semiconductor (TI) PC97307 Datasheet HTML 50Page - National Semiconductor (TI) PC97307 Datasheet HTML 51Page - National Semiconductor (TI) PC97307 Datasheet HTML 52Page - National Semiconductor (TI) PC97307 Datasheet HTML 53Page - National Semiconductor (TI) PC97307 Datasheet HTML 54Page - National Semiconductor (TI) PC97307 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 218 page
background image
51
Real-Time Clock (RTC) and Advanced Power Control (APC) (Logical Device 2)
www.national.com
Alarms
The timekeeping function may generate an alarm when the
current time reaches a stored alarm time. After each RTC
time update, the seconds, minutes, and hours storage loca-
tions are compared with the seconds, minutes and hours in
the alarm storage locations. If equal, the alarm flag is set in
Control Register C (CRC). If the Alarm Interrupt Enable
(AIE) bit is set in Control Register B (CRB), then setting the
Alarm Flag (AF) in CRC generates the IRQ internal interrupt
request (IRQ = 0).
Any alarm location, i.e., seconds, minutes or hours, may be
set to a “Don’t Care” state by setting bits 7,6 to 11. (This val-
ue is unused for either BCD or binary time codes.) This re-
sults in periodic alarm activation at an increased rate whose
period is that of the Don’t Care location, e.g., if the hours lo-
cation is set to 11, the alarm will be activated every hour.
The seconds, minutes and hours alarm registers are shared
with the wake-up function.
4.1.3
Power Supply
The host PC and part power is supplied by the system pow-
er supply voltage, VDD.
Figure 4-2 shows the power supplies of the part.
A stand-by voltage (VCCH) from the external AC power sup-
ply powers the RTC and APC under normal conditions. The
VDD voltage reaches the RTC/APC as a sense signal, to de-
termine the presence or absence of a valid VDD supply.
A battery backup voltage VBAT maintains RTC/APC time-
keeping and backup memory storage when the VCCH volt-
age is absent, due to power failure or disconnection of the
external AC input power supply.
The APC function produces the ONCTL signal, which con-
trols the VDD power supply voltage. (See Section 4.4.1 on
page 58.)
To ensure proper operation, a 500 mV differential is needed
between VCCH and VBAT.
Figure 4-3 represents a typical battery configuration. No ex-
ternal diode is required to meet the UL standard, due to the
internal serial resistor.
FIGURE 4-2. PC87307/PC97307 Power Supplies
FIGURE 4-3. Typical Battery Configuration
Host PC
Power Supply Module
Backup
External AC Power
VDD
VCCH
VDD Power
VDD Sense
VCCH Power
VBAT Power
ONCTL
RTC
and
APC
Modules
PC87307/
Battery
PC97307
PC87307/
VBAT
0.1
µ
1
µ
F
F
VCCH
VCCH
PC97307



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com