Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 6Page - National Semiconductor (TI) PC97307 Datasheet HTML 7Page - National Semiconductor (TI) PC97307 Datasheet HTML 8Page - National Semiconductor (TI) PC97307 Datasheet HTML 9Page - National Semiconductor (TI) PC97307 Datasheet HTML 10Page - National Semiconductor (TI) PC97307 Datasheet HTML 11Page - National Semiconductor (TI) PC97307 Datasheet HTML 12Page - National Semiconductor (TI) PC97307 Datasheet HTML 13Page - National Semiconductor (TI) PC97307 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 218 page
background image
10
Table of Contents
www.national.com
7.2.3
Consumer IR Mode ................................................................................................... 135
7.3
REGISTER BANK OVERVIEW ............................................................................................... 136
7.4
UART MODES – DETAILED DESCRIPTION .......................................................................... 136
7.4.1
16450 or 16550 UART Mode ..................................................................................... 137
7.4.2
Extended UART Mode ............................................................................................... 137
7.5
SHARP-IR MODE – DETAILED DESCRIPTION ..................................................................... 138
7.6
SIR MODE – DETAILED DESCRIPTION ................................................................................ 138
7.7
CONSUMER-IR MODE – DETAILED DESCRIPTION ............................................................ 138
7.7.1
Consumer-IR Transmission ....................................................................................... 138
7.7.2
Consumer-IR Reception ............................................................................................ 138
7.8
FIFO TIME-OUTS .................................................................................................................... 139
7.8.1
UART, SIR or Sharp-IR Mode Time-Out Conditions ................................................. 139
7.8.2
Consumer-IR Mode Time-Out Conditions ................................................................. 139
7.8.3
Transmission Deferral ............................................................................................... 139
7.9
AUTOMATIC FALLBACK TO A NON-EXTENDED UART MODE .......................................... 140
7.10
OPTICAL TRANSCEIVER INTERFACE ................................................................................. 140
7.11
BANK 0 – GLOBAL CONTROL AND STATUS REGISTERS ................................................. 140
7.11.1
Receiver Data Port (RXD) or the Transmitter Data Port (TXD), Bank 0, Offset 00h . 141
7.11.2
Interrupt Enable Register (IER), Bank 0, Offset 01h ................................................. 141
7.11.3
Event Identification Register (EIR), Bank 0, Offset 02h ............................................. 143
7.11.4
FIFO Control Register (FCR), Bank 0, Offset 02h ..................................................... 145
7.11.5
Link Control Register (LCR), Bank 0, Offset 03h, and Bank Selection Register (BSR),
All Banks, Offset 03h ........................................................................................... 145
7.11.6
Bank Selection Register (BSR), All Banks, Offset 03h .............................................. 147
7.11.7
Modem/Mode Control Register (MCR), Bank 0, Offset 04h ...................................... 147
7.11.8
Link Status Register (LSR), Bank 0, Offset 05h ........................................................ 148
7.11.9
Modem Status Register (MSR), Bank 0, Offset 06h .................................................. 149
7.11.10 Scratchpad Register (SPR), Bank 0, Offset 07h ....................................................... 150
7.11.11 Auxiliary Status and Control Register (ASCR), Bank 0, Offset 07h ........................... 150
7.11.12 Legacy Baud Generator Divisor Ports (LBGD(L) and LBGD(H)),
Bank 1, Offsets 00h and 01h ............................................................................... 151
7.11.13 Link Control Register (LCR) and Bank Select Register (BSR), Bank 1, Offset 03h .. 152
7.12
BANK 2 – EXTENDED CONTROL AND STATUS REGISTERS ............................................ 152
7.12.1
Baud Generator Divisor Ports, LSB (BGD(L)) and
MSB (BGD(H)),Bank 2, Offsets 00h and 01h ...................................................... 152
7.12.2
Extended Control Register 1 (EXCR1), Bank 2, Offset 02h ...................................... 154
7.12.3
Link Control Register (LCR) and Bank Select Register (BSR), Bank 2, Offset 03h .. 155
7.12.4
Extended Control and Status Register 2 (EXCR2), Bank 2, Offset 04h .................... 155
7.12.5
Reserved Register, Bank 2, Offset 05h ..................................................................... 155
7.12.6
TX_FIFO Current Level Register (TXFLV), Bank 2, Offset 06h ................................ 155
7.12.7
RX_FIFO Current Level Register (RXFLV), IrDA or Consumer-IR Modes,
Bank 2, Offset 07h .............................................................................................. 156
7.13
BANK 3 – MODULE REVISION ID AND SHADOW REGISTERS .......................................... 156
7.13.1
Module Revision ID Register (MRID), Bank 3, Offset 00h ......................................... 156
7.13.2
Shadow of Link Control Register (SH_LCR), Bank 3, Offset 01h .............................. 157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com