Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 26Page - National Semiconductor (TI) PC97307 Datasheet HTML 27Page - National Semiconductor (TI) PC97307 Datasheet HTML 28Page - National Semiconductor (TI) PC97307 Datasheet HTML 29Page - National Semiconductor (TI) PC97307 Datasheet HTML 30Page - National Semiconductor (TI) PC97307 Datasheet HTML 31Page - National Semiconductor (TI) PC97307 Datasheet HTML 32Page - National Semiconductor (TI) PC97307 Datasheet HTML 33Page - National Semiconductor (TI) PC97307 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 218 page
background image
30
Configuration
www.national.com
2.3.2
Configuration Register Summary
The tables in this section specify the Index, type (read/write), reset value and configuration register or action that controls
each register associated with each function. When the reset value is not fixed, the table indicates what controls the value or
points to another section that provides this information.
Soft Reset is related to a Reset executed by utilizing the Reset Bit (Bit 0) of the Config Control Register. (See Table 2-5 on
page 27.)
TABLE 2-11. Card Configuration Registers
TABLE 2-12. KBC Configuration Registers for Keyboard - Logical Device 0
Index Type
Hard Reset
Soft Reset
Configuration Register or Action
00h
W
00h
PnP ISA Set RD_DATA Port.
01h
R
Serial Isolation.
02h
W
PnP ISA
PnP ISA Configuration Control.
03h
W
00h
PnP ISA Wake[CSN].
04h
R
Resource Data.
05h
R
Status.
06h
R/W
00h
PnP ISA Card Select Number (CSN).
07h
R/W
00h
PnP ISA Logical Device Number.
20h
R
See section 2.4.1 and 2.4.2 on page 34. SID Register.
21h
R/W See Section 2.4.3 on page 34. No Effect SuperI/O Configuration 1 Register.
22h
R/W See Section 2.4.4 on page 35. No Effect SuperI/O Configuration 2 Register.
23h
R/W See Section 2.4.5 on page 35. No Effect Programmable Chip Select Configuration Index Register.
24h
R/W See Section 2.4.6 on page 36. No Effect Programmable Chip Select Configuration Data Register.
27h
R
See Section 2.4.7 on page 36.
SRID Register (in pc97307 only).
Index
R/W
Hard Reset
Soft Reset
Configuration Register or Action
30h
R/W
00h or 01h
See CFG0, Section 2.1.3.
00h or 01h
See CFG0,Section
2.1.3.
Activate.
See also FER1 of power management device
(logical device 8).
31h
R/W
00h
00h
I/O Range Check.
60h
R/W
00h
00h
Data Base Address MSB Register.
61h
R/W
60h
60h
Data Base Address LSB Register.
Bit 2 (for A2) is read only, 0.
62h
R/W
00h
00h
Command Base Address MSB Register.
63h
R/W
64
64h
Command Base Address LSB.
Bit 2 (for A2) is read only,1.
70h
R/W
01h
01h
KBC Interrupt (KBC IRQ1 pin) Select.
71h
RW
02h
02h
KBC Interrupt Type.
Bits 1,0 are read/write; other bits, read only.
74h
R
04h
04h
Report no DMA assignment.
75h
R
04h
04h
Report no DMA assignment.
F0h
R/W
See Section 2.5.1 on page 36.
No Effect
SuperI/O KBC Configuration Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com