Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 71Page - National Semiconductor (TI) PC97307 Datasheet HTML 72Page - National Semiconductor (TI) PC97307 Datasheet HTML 73Page - National Semiconductor (TI) PC97307 Datasheet HTML 74Page - National Semiconductor (TI) PC97307 Datasheet HTML 75Page - National Semiconductor (TI) PC97307 Datasheet HTML 76Page - National Semiconductor (TI) PC97307 Datasheet HTML 77Page - National Semiconductor (TI) PC97307 Datasheet HTML 78Page - National Semiconductor (TI) PC97307 Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 218 page
background image
75
The Digital Floppy Disk Controller (FDC) (Logical Device 3)
www.national.com
Bit 2 - Drive 2 Busy
This bit indicates whether or not drive 2 is busy.
It is set to 1 after the last byte of the command phase of
a SEEK or RECALIBRATE command is issued for drive
2.
This bit is cleared to 0 after the first byte in the result
phase of the SENSE INTERRUPT command is read for
drive 2.
0 - Not busy.
1 - Busy.
Bit 3 - Drive 3 Busy
This bit indicates whether or not drive 3 is busy.
It is set to 1 after the last byte of the command phase of
a SEEK or RECALIBRATE command is issued for drive
3.
This bit is cleared to 0 after the first byte in the result
phase of the SENSE INTERRUPT command is read for
drive 3.
0 - Not busy.
1 - Busy.
Bit 4 - Command in Progress
This bit indicates whether or not a command is in
progress. It is set after the first byte of the command
phase is written. This bit is cleared after the last byte of
the result phase is read.
If there is no result phase in a command, the bit is
cleared after the last byte of the command phase is writ-
ten.
0 - No command is in progress.
1 - A command is in progress.
Bit 5 - Non-DMA Execution
This bit indicates whether or not the controller is in the
execution phase of a byte transfer operation in non-
DMA mode.
This bit is used for multiple byte transfers by the micro-
processor in the execution phase through interrupts or
software polling.
0 - The FDC is not in the execution phase.
1 - The FDC is in the execution phase.
Bit 6 - Data I/O (Direction)
Indicates whether the controller is expecting a byte to be
written or read, to or from the Data Register (FIFO).
0 - Data will be written to the FIFO.
1 - Data will be read from the FIFO.
Bit 7 - Request for Master (RQM)
This bit indicates whether or not the controller is ready
to send or receive data from the microprocessor through
the Data Register (FIFO). It is cleared to 0 immediately
after a byte transfer and is set to 1 again as soon as the
disk controller is ready for the next byte.
During a Non-DMA execution phase, this bit indicates
the status of the interrupt.
0 - Not ready. (Default)
1 - Ready to transfer data.
5.3.6
Data Rate Select Register (DSR), Offset 04h,
Write Operations
This write-only register is used to program the data transfer
rate, amount of write precompensation, power down mode,
and software reset.
The data transfer rate is programmed via the CCR, not the
DSR, for PC-AT, PS/2 and MicroChannel applications. Oth-
er applications can set the data transfer rate in the DSR.
The data rate of the floppy controller is determined by the
most recent write to either the DSR or CCR.
The DSR is unaffected by a software reset. A hardware re-
set sets the DSR to 02h, which corresponds to the default
precompensation setting and a data transfer rate of 250
Kbps.
FIGURE 5-11. DSR Register Bitmap
Bits 1,0 - Data Transfer Rate Select
These bits determine the data transfer rate for the Flop-
py Disk Controller (FDC), depending on the supported
speeds. Table 5-6 shows the data transfer rate selected
by each value of this field.
These bits are unaffected by a software reset, and are
set to 10 (250 Kbps) after a hardware reset.
TABLE 5-6. Data Transfer Rate Encoding
Bits 4-2 - Precompensation Delay Select
This field sets the write precompensation delay that the
Floppy Disk Controller (FDC) imposes on the WDATA
disk interface output signal, depending on the supported
speeds. Table 5-7 shows the delay for each value of this
field.
In most cases, the default delays shown in Table 5-8 are
adequate. However, alternate values may be used for
specific drive and media types.
DSR Bits
Data Transfer Rate
10
0
0
500 Kbps
0
1
300 Kbps
1
0
250 Kbps
1
1
1 Mbps
76543210
Reset
Required
0
1
0
0
0
0
0
0
Data Rate Select
Register (DSR)
Offset 04h
Precompensation Delay Select
Undefined
Low Power
Software Reset
Data Transfer Rate Select
Write Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com