Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 8Page - National Semiconductor (TI) PC97307 Datasheet HTML 9Page - National Semiconductor (TI) PC97307 Datasheet HTML 10Page - National Semiconductor (TI) PC97307 Datasheet HTML 11Page - National Semiconductor (TI) PC97307 Datasheet HTML 12Page - National Semiconductor (TI) PC97307 Datasheet HTML 13Page - National Semiconductor (TI) PC97307 Datasheet HTML 14Page - National Semiconductor (TI) PC97307 Datasheet HTML 15Page - National Semiconductor (TI) PC97307 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 218 page
background image
12
Table of Contents
www.national.com
9.2.7
Power Management Control 3 Register (PMC3), Index 04h ..................................... 175
9.2.8
Watchdog Time-Out (WDTO) Register, Index 05h .................................................... 175
9.2.9
WATCHDOG Configuration Register (WDCF), Index 06h ........................................ 175
9.2.10
WATCHDOG Status Register (WDST), Index 07h .................................................... 176
9.3
POWER MANAGEMENT REGISTER BITMAPS .................................................................... 177
10.0
X-Bus Data Buffer
10.1
FUNCTIONAL OVERVIEW ..................................................................................................... 179
10.2
MAPPING ................................................................................................................................ 179
11.0
The Internal Clock
11.1
THE CLOCK SOURCE ............................................................................................................ 180
11.2
THE INTERNAL ON-CHIP CLOCK MULTIPLIER ................................................................... 180
11.3
SPECIFICATIONS ................................................................................................................... 180
12.0
Interrupt and DMA Mapping
12.1
IRQ MAPPING ......................................................................................................................... 181
12.2
DMA MAPPING ....................................................................................................................... 181
13.0
Device Description
13.1
GENERAL DC ELECTRICAL CHARACTERISTICS ............................................................... 182
13.1.1
Recommended Operating Conditions ....................................................................... 182
13.1.2
Absolute Maximum Ratings ....................................................................................... 182
13.1.3
Capacitance ............................................................................................................... 182
13.1.4
Power Consumption Under Recommended Operating Conditions ........................... 183
13.2
DC CHARACTERISTICS OF PINS, BY GROUP .................................................................... 183
13.2.1
Group 1 ...................................................................................................................... 183
13.2.2
Group 2 ...................................................................................................................... 184
13.2.3
Group 3 ...................................................................................................................... 184
13.2.4
Group 4 ...................................................................................................................... 184
13.2.5
Group 5 ...................................................................................................................... 185
13.2.6
Group 6 ...................................................................................................................... 185
13.2.7
Group 7 ...................................................................................................................... 185
13.2.8
Group 8 ...................................................................................................................... 186
13.2.9
Group 9 ...................................................................................................................... 186
13.2.10 Group 10 .................................................................................................................... 187
13.2.11 Group 11 .................................................................................................................... 187
13.2.12 Group 12 .................................................................................................................... 188
13.2.13 Group 13 .................................................................................................................... 188
13.2.14 Group 14 .................................................................................................................... 189
13.2.15 Group 15 .................................................................................................................... 189
13.2.16 Group 16 .................................................................................................................... 189
13.2.17 Group 17 .................................................................................................................... 190
13.2.18 Group 18 .................................................................................................................... 190
13.2.19 Group 19 .................................................................................................................... 190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com