Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 25Page - National Semiconductor (TI) PC97307 Datasheet HTML 26Page - National Semiconductor (TI) PC97307 Datasheet HTML 27Page - National Semiconductor (TI) PC97307 Datasheet HTML 28Page - National Semiconductor (TI) PC97307 Datasheet HTML 29Page - National Semiconductor (TI) PC97307 Datasheet HTML 30Page - National Semiconductor (TI) PC97307 Datasheet HTML 31Page - National Semiconductor (TI) PC97307 Datasheet HTML 32Page - National Semiconductor (TI) PC97307 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 218 page
background image
29
Configuration
www.national.com
TABLE 2-8. PnP Interrupt Configuration Registers
TABLE 2-9. PnP DMA Configuration Registers
TABLE 2-10. PnP Logical Device Configuration Registers
Index
Name
Definition
70h
Interrupt Request
Level Select 0
Read/write value indicating selected interrupt level.
Bits3-0 select the interrupt level used for interrupt 0. A value of 1 selects IRQL 1, a value
of 15 selects IRQL 15. IRQL 0 is not a valid interrupt selection and (represents no
interrupt selection.
71h
Interrupt Request
Type Select 0
Read/write value that indicates the type and level of the interrupt request level selected in
the previous register.
If a card supports only one type of interrupt, this register may be read-only.
Bit 0 - Type of the interrupt request selected in the previous register.
0 - Edge
1 - Level
Bit1 - Level of the interrupt request selected in the previous register. (see also “IRQ
Mapping” on page 181).
0 - Low polarity (implies open-drain output with strong pull-up for a short time, followed
by weak pull-up).
1 - High polarity (implies push-pull output).
Index
Name
Definition
74h
DMA Channel
Select 0
Read/write value indicating selected DMA channel for DMA 0.
Bits 2-0 select the DMA channel for DMA 0. A value of 0 selects DMA channel 0; a
value of 7 selects DMA channel 7.
Selecting DMA channel 4, the cascade channel, indicates that no DMA channel is
active.
75h
DMA Channel
Select 1
Read/write value indicating selected DMA channel for DMA 1
Bits 2-0 select the DMA channel for DMA 1. A value of 0 selects DMA channel 0; a
value of 7 selects DMA channel 7.
Selecting DMA channel 4, the cascade channel, indicates that no DMA channel is
active.
Index
Name
Definition
F0h-FEh
Logical Device
Configuration
Vendor Defined
Vendor defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com