Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 29Page - National Semiconductor (TI) PC97307 Datasheet HTML 30Page - National Semiconductor (TI) PC97307 Datasheet HTML 31Page - National Semiconductor (TI) PC97307 Datasheet HTML 32Page - National Semiconductor (TI) PC97307 Datasheet HTML 33Page - National Semiconductor (TI) PC97307 Datasheet HTML 34Page - National Semiconductor (TI) PC97307 Datasheet HTML 35Page - National Semiconductor (TI) PC97307 Datasheet HTML 36Page - National Semiconductor (TI) PC97307 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 218 page
background image
33
Configuration
www.national.com
TABLE 2-17. UART2 and Infrared Configuration Registers - Logical Device 5
TABLE 2-18. UART1 Configuration Registers - Logical Device 6
TABLE 2-19. GPIO Ports Configuration Registers - Logical Device 7
Index
R/W
Hard Reset
Soft Reset
Configuration Register or Action
30h
R/W
00h
00
Activate.
See also FER1 of the power management device
(logical device 8).
31h
R/W
00h
00h
I/O Range Check.
60h
R/W
02h
02h
Base Address MSB register.
61h
R/W
F8h
F8h
Base Address LSB register.
Bit 2-0 (for A2-0) are read only, 000b.
70h
R/W
03h
03h
Interrupt Select.
71h
R/W
03h
03h
Interrupt Type.
Bit 1 is R/W; other bits are read only.
74h
R/W
04h
04h
DMA Channel Select 0 (RX_DMA).
75h
R/W
04h
04h
DMA Channel Select 1 (TX_DMA).
F0h
R/W
See Section 2.8 on page 38.
No Effect
SuperI/O UART2 Configuration register.
Index
R/W
Hard Reset
Soft Reset
Configuration Register or Action
30h
R/W
00h
00h
Activate.
See also FER1 of the power management device
(logical device 8).
31h
R/W
00h
00h
I/O Range Check.
60h
R/W
03h
03h
Base Address MSB Register.
61h
R/W
F8h
F8h
Base Address LSB Register.
Bits 2-0 (for A2-0) are read only as 000b.
70h
R/W
04h
04h
Interrupt Select.
71h
R/W
03h
03h
Interrupt Type.
Bit 1 is read/write. Other bits are read only.
74h
R
04h
04h
Report no DMA Assignment.
75h
R
04h
04h
Report no DMA Assignment.
F0h
R/W
See Section 2.9.1 on page 38.
No Effect
SuperI/O UART 1 Configuration register.
Index
R/W
Hard Reset
Soft Reset
Configuration Register or Action
30h
R/W
00h
00h
Activate.
See also FER2 of the power management device (logical device 8).
31h
R/W
00h
00h
I/O Range Check.
60h
R/W
00h
00h
Base Address MSB Register.
61h
R/W
00h
00h
Base Address LSB Register.
Bit 2-0 (for A2-0) are read only: 000b.
74h
R
04h
04h
Report no DMA assignment.
75h
R
04h
04h
Report no DMA assignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com