Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97307 Datasheet(PDF) 100 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97307
Description  PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PDF  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97307 Datasheet(HTML) 100 Page - National Semiconductor (TI)

Back Button PC97307 Datasheet HTML 96Page - National Semiconductor (TI) PC97307 Datasheet HTML 97Page - National Semiconductor (TI) PC97307 Datasheet HTML 98Page - National Semiconductor (TI) PC97307 Datasheet HTML 99Page - National Semiconductor (TI) PC97307 Datasheet HTML 100Page - National Semiconductor (TI) PC97307 Datasheet HTML 101Page - National Semiconductor (TI) PC97307 Datasheet HTML 102Page - National Semiconductor (TI) PC97307 Datasheet HTML 103Page - National Semiconductor (TI) PC97307 Datasheet HTML 104Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 218 page
background image
100
www.national.com
5.7.13
The READ A TRACK Command
The READ A TRACK command reads sectors from the se-
lected drive, in physical order, and makes the data available
to the host.
Command Phase
The command phase bytes of the READ A TRACK com-
mand are like those of the READ DATA command, except
for the MT and SK bits. Multi-track and skip operations are
not allowed in the READ A TRACK command. Therefore,
bits 7 and 5 of the opcode command phase byte (MT and
SK, respectively) must be 0.
First Command Phase Byte, Opcode
See “Bit 6 - Modified Frequency Modulation (MFM)” on
page 90.
Second Command Phase Byte
See “Second Command Phase Byte” on page 90 for a
description of the Drive Select (DS1,0) and Head Select
(HD) bits.
See “Bit 5 - Implied Seek (IPS)” on page 93 for a de-
scription of the Implied Seek (IPS) bit.
Third through Ninth Command Phase Bytes
See “The READ DATA Command” on page 96.
Execution Phase
Data read from the disk drive is transferred to the system in
DMA or non-DMA modes. See Section 5.4.2.
Execution of this command is like execution of the READ
DATA command except for the following differences:
• The controller waits for a pulse from the INDEX signal
before it searches for the address field of a sector.
If the microprocessor writes to the FIFO before the IN-
DEX pulse is detected, the command enters the result
phase with the Interrupt Code (IC) bits (bits 7,6) in ST0
set to abnormal termination (01).
• All the ID bytes of the sector address are compared, ex-
cept the sector number. Instead, the sector number is
set to 1, and then incremented for each successive sec-
tor read.
• If no match occurs when the ID bytes of the sector ad-
dress are compared, the controller sets the Missing
76543210
0
MFM
000010
IPS
XXXX
HD
DS1
DS0
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
End of Track (EOT) Sector Number
Bytes Between Sectors - Gap 3
Data Length (Obsolete)
Data bit (bit 2) in ST1, but continues to read the sector.
If there is a CRC error in the address field being read,
the controller sets CRC Error (bit 5) in ST1, but contin-
ues to read the sector.
• If there is a CRC error in the data field, the controller
sets the CRC Error bit (bit 5) in ST1 and CRC Error in
Data Field bit (bit 5) in ST2, but continues reading sec-
tors.
• The controller reads a maximum of End of Track (EOT)
physical sectors. There is no support for multi-track
reads.
Result Phase
5.7.14
The RECALIBRATE Command
The RECALIBRATE command issues pulses that make the
head of the selected drive step out until it reaches track 0.
Command Phase
Second Command Phase Byte
See “Second Command Phase Byte” on page 90 for a
description of the Drive Select (DS1,0) and Head Select
(HD) bits.
Execution Phase
After the last command byte is issued, the Drive Busy bit for
the selected drive is set in the Main Status Register (MSR).
See bits 3-0 in “Main Status Register (MSR), Offset 04h,
Read Operations” on page 74.
The controller waits the Delay Before Processing time (see
Table 5-25 on page 106) for the selected drive., and then
becomes idle. See “Idle Phase” on page 80.
Then, the controller issues pulses until the TRK0 disk inter-
face input signal becomes active or until the maximum num-
ber of RECALIBRATE step pulses have been issued.
Table 5-20 shows the maximum number of RECALlIBRATE
step pulses that may be issued, depending on the RECAL-
IBRATE Step Pulses (R255) bit, bit 0 in the second com-
mand phase byte of the MODE command (page 92), and
the Extended Track Range (ETR) bit, bit 4 of the third com-
mand byte of the MODE command (page 93).
76543210
Result Phase Status Register 0 (ST0)
Result Phase Status Register 1 (ST1)
Result Phase Status Register 2 (ST2)
Track Number
Head Number
Sector Number
Bytes-Per-Sector Code
76543210
00000111
XXXXX
HD
DS1
DS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com